Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB88153 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB88153
Description  Spread Spectrum Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88153 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB88153 Datasheet HTML 5Page - fujitsu semiconductor MB88153 Datasheet HTML 6Page - fujitsu semiconductor MB88153 Datasheet HTML 7Page - fujitsu semiconductor MB88153 Datasheet HTML 8Page - fujitsu semiconductor MB88153 Datasheet HTML 9Page - fujitsu semiconductor MB88153 Datasheet HTML 10Page - fujitsu semiconductor MB88153 Datasheet HTML 11Page - fujitsu semiconductor MB88153 Datasheet HTML 12Page - fujitsu semiconductor MB88153 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MB88153
9
■ RECOMMENDED OPERATING CONDITIONS
(VSS
= 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
VDD
3.0
3.3
3.6
V
“H” level input voltage
VIH
CKIN, ENS,
FREQ0, FREQ1,
XPD
VDD
× 0.80
VDD
+ 0.3
V
“L” level input voltage
VIL
CKIN, ENS,
FREQ0, FREQ1,
XPD
VSS
VDD
× 0.20
V
Input clock duty cycle
tDCI
CKIN
16.6 MHz to
134 MHz
40
50
60
%
Operating temperature
Ta
⎯⎯
− 40
+ 85
°C
CKIN
ta
tb
1.5 V
Input clock duty cycle (tDCI
= tb/ta)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com