Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP-S5 Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # OP-S5
Description  OP-S5 Series : Programmable LVPECL Crystal Clock Oscillator 5.0x3.2mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

OP-S5 Datasheet(HTML) 1 Page - Yuechung International Corp.

  OP-S5 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION
DIMENSIONS (mm)
TEST CIRCUIT
OUTPUT WAVEFORM
OP-S5 Series
10.000 ~ 1,500.000 MHz
- 55°C ~ + 125°C
- 10°C ~ + 70°C , - 40°C ~ + 85°C , - 40°C ~ + 125°C
70mA max
3.3V DC ±5%
2.5V DC ±5%
LVPECL
±25 ppm ~ ±100ppm
VCC - 1.62V max.
Operation temperature range
Frequency stability
Current consumption
Output Load
Output voltage level (VOH)
Model
Power supply voltage
Output level
Frequency range
Storage temperature range
Aging at 25°C
Tri-state OE (Pad 1)
10ms max.
Start-up Time
50Ω
Output voltage level (VOL)
Duty cycle
Rise / Fall Time
Phase Jitter RMS (12KHz~20MHz)
2.0ps max.
±2.0ppm max. in the 1st year
Disable : 30% VDD max.
Enable : 70% VDD min.
0.5ns max.
45% ~ 55%
VCC - 1.025V min.
10.000 - 1,500.000MHz
OP-S5 Series : Programmable LVPECL Crystal Clock Oscillator 5.0x3.2mm
Crystal Clock Oscillator
OP-S5 Series


Similar Part No. - OP-S5

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
OP-S3 YIC-OP-S3 Datasheet
277Kb / 1P
OP-S3 Series : Programmable LVPECL Crystal Clock Oscillator 3.2x2.5mm
OP-S7 YIC-OP-S7 Datasheet
311Kb / 1P
OP-S7 Series : Programmable LVPECL Crystal Clock Oscillator 7.0x5.0mm
More results

Similar Description - OP-S5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3D085 RENESAS-IDT8N3D085 Datasheet
735Kb / 20P
LVPECL Dual Frequency Programmable Crystal Oscillator
DECEMBER 14, 2012
IDT8N3S271 RENESAS-IDT8N3S271 Datasheet
768Kb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
DECEMBER 17, 2012
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
LVPECL Frequency-Programmable Crystal Oscillator
2019
logo
Yuechung International ...
O-S5 YIC-O-S5 Datasheet
291Kb / 1P
O-S5 Series : Programmable Crystal Clock Oscillator 5.0x3.2mm
OD-S5 YIC-OD-S5 Datasheet
294Kb / 1P
OD-S5 Series : Programmable LVDS Crystal Clock Oscillator 5.0x3.2mm
OP-S3 YIC-OP-S3 Datasheet
277Kb / 1P
OP-S3 Series : Programmable LVPECL Crystal Clock Oscillator 3.2x2.5mm
OP-S7 YIC-OP-S7 Datasheet
311Kb / 1P
OP-S7 Series : Programmable LVPECL Crystal Clock Oscillator 7.0x5.0mm
OSCLD-S5 YIC-OSCLD-S5 Datasheet
325Kb / 1P
OSCLD-S5 Series : LVDS SMD Crystal Clock Oscillator 5.0x3.2 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com