Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP04CM596XTTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP04CM596XTTR
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596XTTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP04CM596XTTR Datasheet HTML 1Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 2Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 3Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 4Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 5Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 6Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 7Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 8Page - STMicroelectronics STP04CM596XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
July 2006
Rev 5
1/24
24
STP04CM596
4-Bit constant current for power-LED
LED sink driver
General features
4 constant current output channels
Adjustable output current through one external
resistor
Serial data IN/parallel data OUT
Serial OUT change state on the failing edges of
clock
Four outputs current: 80-500mA
25MHz clock frequency
Available in high thermal TSSOP exposed pad.
Description
The STP04CM596 is a high-power LED Driver
and 4-bit shift register designed for PowerLED
applications.
The STP04CM596 contains a 4-bit serial IN,
parallel OUT shift register that feeds a 4-bit D-
type storage register. In the output stage, four
regulated current sources were designed to
provide 80-500mA constant current to drive the
high powered LEDs.
The STP04CM596 guarantees 16V output driving
capability, allowing users to connect more LEDs in
series. The high clock frequency, 25 MHz, also
satisfies the system requirements which include
high volume data transmission.
The STP04CM596 is well suited for very high
brightness displays and special lighting
applications.
The STP04CM596 is offered in DIP-14, SO-14
and TSSOP16 Exposed Pad packages.
SO-14
Dip-14
TSSOP16
(Exposed pad)
www.st.com
Order codes
Part Number
Package
Packaging
STP04CM596B1R
DIP-14
25 parts per tube
STP04CM596M
SO-14 (Tube)
50 parts per tube
STP04CM596MTR
SO-14 (Tape & Reel)
2500 parts per reel
STP04CM596XTTR
TSSOP16 Exposed-pad (Tape & Reel)
2500 parts per reel


Similar Part No. - STP04CM596XTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
STP04CM05B1R STMICROELECTRONICS-STP04CM05B1R Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
STP04CM05MTR STMICROELECTRONICS-STP04CM05MTR Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
STP04CM05XTTR STMICROELECTRONICS-STP04CM05XTTR Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
More results

Similar Description - STP04CM596XTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com