Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C874VC Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 19Page - Advanced Micro Devices AM79C874VC Datasheet HTML 20Page - Advanced Micro Devices AM79C874VC Datasheet HTML 21Page - Advanced Micro Devices AM79C874VC Datasheet HTML 22Page - Advanced Micro Devices AM79C874VC Datasheet HTML 23Page - Advanced Micro Devices AM79C874VC Datasheet HTML 24Page - Advanced Micro Devices AM79C874VC Datasheet HTML 25Page - Advanced Micro Devices AM79C874VC Datasheet HTML 26Page - Advanced Micro Devices AM79C874VC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Am79C874
23
P R E L I M INARY
sent). The PCS Control block also asserts the COL pin
at the MII and sets the Jabber Detect bit in MII Register
1. Once the internal transmit data stream from the
MENDEC stops, an unjab time of 250-750 ms will
elapse before this block causes the PCS Control block
to de-assert the COL indication and re-enable the
transmit circuitry.
When jabber is detected, this block causes the PCS
control block to assert the COL pin and allows the PCS
Control block to assert or de-assert the CRS pin to in-
dicate the current state of the RX± pair. If there is no re-
ceive activity on RX±, this block causes the PCS
Control block to assert only the COL pin at the MII. If
there is RX± activity, this block causes the PCS Control
block to assert both COL and CRS at the MII. The Jab-
ber function can be disabled by setting MII Register 21,
bit 12.
Reverse Polarity Detection and Correction
Proper 10BASE-T receiver operation requires that the
differential input signal be the correct polarity. That is,
the RX+ line is connected to the RX+ input pin, and the
RX- line is connected to the RX- input pin. Improper
setup of the external wiring can cause the polarity to be
reversed. The NetPHY-1LP receiver has the ability to
detect the polarity of the incoming signal and compen-
sate for it. Thus, the proper signal will appear on the
MDI regardless of the polarity of the input signals.
The internal polarity detection and correction circuitry
is set during the reception of the normal link pulses
(NLP) or packets. The receiver detects the polarity of
the input signal on the first NLP. It locks the polarity cor-
rection circuitry after the reception of two consecutive
packets. The state of the polarity correction circuitry is
locked as long as link is established.
Auto-Negotiation and Miscellaneous
Functions
Auto-Negotiation
The NetPHY-1LP device has the ability to negotiate its
mode of operation over the twisted pair using the Auto-
Negotiation mechanism defined in Clause 28 of the
IEEE 802.3u specification. Auto-Negotiation may be
enabled or disabled by hardware (ANEGA, pin 56) or
software (MII Register 0, bit 12) control (see Table 3).
The NetPHY-1LP device will automatically choose its
mode of operation by advertising its abilities and com-
paring them with those received from its link partner
whenever Auto-Negotiation is enabled.
The content of MII Register 4 is sent to the link partner
during Auto-Negotiation, coded in Fast Link Pulses
(FLPs). MII Register 4, bits 8:5 reflect the state of the
TECH_SEL[2:0] pins after reset.
After reset, software can change any of these bits from
1 to 0 and back to 1, but not from 0 to 1 via the man-
agement interface. Therefore, hardware settings have
priority over software. A write to Register 4 does not
cause the device to restart Auto-Negotiation.
When Auto-Negotiation is enabled, the NetPHY-1LP
device sends FLP during the one of the following con-
ditions: (a) power on, (b) link loss, or (c) restart com-
mand. At the same time, the device monitors incoming
data to determine its mode of operation. When the de-
vice receives a burst of FLPs from its link partner with
three identical link code words (ignoring acknowledge
bit), it stores these code words in MII Register 5 and
waits for the next three identical code words. Once the
device detects the second code word, it will configure
itself to the highest technology that is common to both
ends. The technology priorities are: (1) 100BASE-TX,
full-duplex, (2) 100BASE-TX, half-duplex, (3) 10BASE-
T, full-duplex, and (4) 10BASE-T half-duplex.
Parallel Detection
The parallel detection circuit is enabled as soon as ei-
ther 10BASE-T idle or 100BASE-TX idle is detected.
The mode of operation gets configured based on the
technology of the incoming signal. The NetPHY-1LP
device can also check for a 10BASE-T NLP or
100BASE-TX idle symbol. If either is detected, the de-
vice automatically configures to match the detected op-
erating speed in half-duplex mode. This ability allows
the device to communicate with legacy 10BASE-T and
100BASE-TX systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com