Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BFQ231 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ231
Description  NPN video transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ231 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ231 Datasheet HTML 1Page - NXP Semiconductors BFQ231 Datasheet HTML 2Page - NXP Semiconductors BFQ231 Datasheet HTML 3Page - NXP Semiconductors BFQ231 Datasheet HTML 4Page - NXP Semiconductors BFQ231 Datasheet HTML 5Page - NXP Semiconductors BFQ231 Datasheet HTML 6Page - NXP Semiconductors BFQ231 Datasheet HTML 7Page - NXP Semiconductors BFQ231 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Oct 02
2
Philips Semiconductors
Product specification
NPN video transistors
BFQ231; BFQ231A
FEATURES
• High breakdown voltages
• Low output capacitance
• High gain bandwidth
• Good thermal stability
• Gold metallization ensures
excellent reliability.
APPLICATIONS
• Buffer/driver in high-resolution
colour graphics monitors.
DESCRIPTION
NPN video transistor in a SOT54
(TO-92) plastic package.
PNP complements: BFQ251 and
BFQ251A.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline
(SOT54; TO-92).
page
1
3
2
MSB033
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin, 4 mm from the body.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BFQ231
−−
100
V
BFQ231A
−−
115
V
VCER
collector-emitter voltage
RBE = 100 Ω
BFQ231
−−
95
V
BFQ231A
−−
110
V
IC
collector current (DC)
−−
300
mA
Ptot
total power dissipation
Ts ≤ 65 °C; note 1
−−
1W
hFE
DC current gain
IC = 50 mA; VCE = 10 V
20
35
−
fT
transition frequency
IC = 50 mA; VCE = 10 V; Tamb =25 °C
BFQ231
1
1.4
−
GHz
BFQ231A
0.8
1.2
−
GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com