Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMR2302 Datasheet(PDF) 4 Page - MultiDimension Technology Co.,Ltd.

Part # AMR2302
Description  High Accuracy, Low Noise Dual Axis Linear Magnetic Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR2302 Datasheet(HTML) 4 Page - MultiDimension Technology Co.,Ltd.

  AMR2302 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR2302 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
-
12
V
ESD Performance (HBM)
VESD
-
4
kV
Operating Ambient Temperature
TA
-55
150
°C
Storage Ambient Temperature
TSTG
-55
175
°C
Soldering Temperature
Ti
-
260
°C
Magnetic Field
B
-
10000
Gs
5. Electrical Specifications
VCC = 5.0 V, TA = 25 °C, IS/R = 1.5 A, dual differential output unless otherwise specified
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
Bridge voltage, referenced to ground
1.8
5
12
V
Bridge Resistance
RB
I = 5 mA
600
650
1100
Ω
Field Range
BSAT
Full scale (FS)
-6
-
6
Gs
Linearity Error
NONL
Fit in: ±1 Gs
-
0.05
-
%FS
Fit in: ±3 Gs
-
0.15
-
Fit in: ±6 Gs
-
1.0
1.6
Hysteresis Error
HYS
2 sweeps, across ±6 Gs
-
0.05
-
%FS
Repeatability Error
Brepeat
2 sweeps, across ±6 Gs
-
0.08
-
%FS
Bridge Offset
VOFFSET
VOFFSET = (VOUT+) - ( VOUT -),
B = 0 Gs, after set pulse
-10
±2
+10
mV/V
Sensitivity
SEN
-
0.6
0.9
1.1
mV/V/Gs
Voltage Noise Density
Vnoise
At 1 Hz
-
25
-
nV/√Hz
Magnetic Noise Density
Bnoise
At 1 Hz
-
300
-
pT/√Hz
Resolution
RES
Bandwidth = 10 Hz
-
40
-
μGs
Bandwidth
BW
Magnetic signal (lower limit = DC)
-
5
-
MHz
Offset Coil Resistance
ROFFCOIL
Measured from OFFSET+ to OFFSET-
35
45
55
Ω
Offset Field
BOFFCOIL
Field applied in sensitive direction
4.0
5.0
7.0
mA/Gs
Set/Reset Coil Resistance
RS/R
Measured between S/R+ and S/R-
3
5
7
Ω
Set/Reset Current
IS/R
2 μs current pulse
1
1.5
5
A
Disturbing Field
Bdisturb
Sensitivity starts to degrade,
restore by S/R pulse
-
20
-
Gs
Sensitivity
Temperature Coefficient
TCS
TA= -40 °C to 125 °C
-
-3800
-
PPM/°C
Bridge Offset
Temperature Coefficient
TCO
TA= -40 °C to 125 °C, w/o set/reset
-
500
-
PPM/°C
TA= -40 °C to 125 °C, w/ set/reset
-
10
-
Resistance
Temperature Coefficient
TCR
TA= -40 °C to 125 °C
-
2700
-
PPM/°C
Cross-Axis Effect
XB
Cross field = 1 Gs
-
±0.5
-
%FS
04
High Accuracy, Low Noise
Dual Axis Linear Magnetic Sensor
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR2302



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com