Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DLM Datasheet(PDF) 1 Page - ITT Industries

Part # DLM
Description  Zero Insertion Force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 1 Page - ITT Industries

  DLM Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Zero Insertion Force
DLM
CannonhasexpandedtheDL-ZIFSeries
offering with the addition of the DLM
(Metal Shell) versions. The DLM uses a
rugged nickel plated aluminum housing. A
Shield-Locking Mechanism feature ensures
uniform
mating
pressure
around
the
perimeter of the mated connector to create an
EMI/RFI shield. Facilitates compliance of
equipment to CE EMC directives.
Applications:
Commercial/Industrial Manufacturing
Entertainment
Medical
Telecommunication
Test & Instrumentation
High pin count:
60, 96, 156, 260, 360,
contact positions.
Metal housing.
Variety of contacts:
– Crimp
– Square PCB Post
– Square Wrap Post
– Buss
– PC/RC
Wide range of accessories.
Easy actuation by actuating handle.
Performance Specifications
Connector Durability10,000 mating cy
cles min.
Contact Resistance
15 mΩ max. - Crimp; PC/RC; Square Post
20 mΩ max. - Crimp #32 AWG to #30 AWG Contact
30 mΩ max. - Crimp #42 AWG to #36 AWG Contact
Contact Retention
35,585 N (8 lbs) min.
Contact Spacing
2,54 (.100) Square Grid
Contact Termination
Buss; Crimp; PC/RC; Square PCB Post; Square Wrap Post
Current Rating
5A max. - Crimp/Square Post Contact; 4 A max. - PC/RC Contact
10 A, 20 A, 30 A, 40 A, 50 A, 60 A max. - Buss Contact
DWV
1200 V ac rms - M1-156, M2-96, M3-60
1000 V ac rms - M6-360, M5-260
Insulation Resistance
5000 MΩ min.
Operating Temperature
–55°C to 105°C (–67°F to 221°F)
Wire Accommodation
#42 AWG to #20 AWG
Materials and Finishes
Description
Material
Finish/Treatment
DLM1/2/3/5/6 Housing
Aluminum AlloyNickel
DLM1/2/3/5/6 Insulator
Glass-filled Thermoplastic, UL 94V-0
Color: Black
Crimp Contact
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Crimp Contact
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Tin-Lead
Square Post Contact
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Square Post Contact
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
PC/RC Contact
Copper AlloyEngaging Area: 20 µ in. Gold over Nickel
Terminating End: Tin-Lead
Insulator Retainer (Plug Only)
Stainless Steel
Passivated
Actuating Camshaft
Stainless Steel
Passivated
Product Features
Z-05
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
For more information: www.ittcannon.com/cat167
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Order crimp contacts separately.


Similar Part No. - DLM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLM ITT-DLM Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
DLM ITT-DLM Datasheet
90Kb / 2P
ZIF Connectors
logo
Marki Microwave
DLM-10SM MARKIMICROWAVE-DLM-10SM Datasheet
805Kb / 5P
Tunable Differential Limiter
logo
Murata Manufacturing Co...
DLM0NSB120HY2 MURATA1-DLM0NSB120HY2 Datasheet
354Kb / 3P
Small size and tight dimensional tolerance Size: 0.85횞0.65횞0.45mm
Last updated07/26/2022
DLM0NSB120HY2B MURATA1-DLM0NSB120HY2B Datasheet
354Kb / 3P
Small size and tight dimensional tolerance Size: 0.85횞0.65횞0.45mm
Last updated07/26/2022
More results

Similar Description - DLM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
Zero Insertion Force
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
Universal Zero-Insertion-Force DIP Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
Zero-Insertion-Force Socket
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
Zero-Insertion-Force Test Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
Zero-Insertion-Force Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com