Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS548A-03 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS548A-03
Description  LOW SKEW CLOCK INVERTER AND DIVIDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS548A-03 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS548A-03 Datasheet HTML 1Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 2Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 3Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 4Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 5Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 6Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 7Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS548A-03
LOW SKEW CLOCK INVERTER AND DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ LOW SKEW CLOCK INVERTER AND DIVIDER
4
ICS548A-03
REV C 063006
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS548A-03. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD = 3.3 V, Ambient temperature -40
° C to +85° C , unless stated otherwise
Item
Rating
Supply Voltage, VDD (referenced to GND)
-0.5 V to 7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
+70
° C
Ambient Operating Temperature (industrial)
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+3.47
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
3.47
V
Input High Voltage
VIH
ICLK only (pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage
VIL
ICLK only (pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage
VIH
All other inputs
2
V
Input Low Voltage
VIL
All other inputs
0.8
V
Output High Voltage,
CMOS level
VOH
IOH = -8 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply
Current, 100 MHz clock
IDD
S3=S2=S0=0, S1=1
20
mA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
All inputs
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com