Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1893AFILF Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # ICS1893AFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILF Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button ICS1893AFILF Datasheet HTML 92Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 93Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 94Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 95Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 96Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 97Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 98Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 99Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
96
Chapter 8
Management Register Set
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
8.14
Register 19: Extended Control Register 2
The Extended Control Register provides more refined control of the internal ICS1893AF operations.
Note:
1.
For an explanation of acronyms used in Table 8-20, see Chapter 1, “Abbreviations and Acronyms”.
2.
During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
† The default is the state of this pin at reset.
Table 8-21.
Extended Control Register (register [0x13])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
19.15
Node/Repeater Mode
Node mode
Repeater mode
RO
0†
4
19.14
Hardware/Software
Mode
Hardware mode
Software mode
RO
1†
19.13
Remote Fault
No faults detected
Remote fault
detected
RO
0
19.12
ICS reserved
Read unspecified
Read unspecified
RW
0
19.11
ICS reserved
Read unspecified
Read unspecified
RW
0
0
19.10
ICS reserved
Read unspecified
Read unspecified
RO
0
19.9
ICS reserved
Read unspecified
Read unspecified
RW
0
19.8
ICS reserved
Read unspecified
Read unspecified
RW
0
19.7
Twisted Pair Tri-State
Enable, TPTRI
Twisted Pair Signals
are not Tri-Stated or
No effect
Twisted Pair Signals
are Tri-Stated
RW
0
0
19.6
ICS reserved
Read unspecified
Read unspecified
RW
0
19.5
ICS reserved
Read unspecified
Read unspecified
RW
0
19.4
ICS reserved
Read unspecified
Read unspecified
RW
0
19.3
ICS reserved
Read unspecified
Read unspecified
RW
0
1
19.2
ICS reserved
Read unspecified
Read unspecified
RW
0
19.1
ICS reserved
Read unspecified
Read unspecified
RW
0
19.0
Automatic 100Base-TX
Power Down
Do not automatically
power down
Power down
automatically
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com