Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K1536CLC Datasheet(PDF) 1 Page - MTRONPTI

Part # K1536CLC
Description  3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1536CLC Datasheet(HTML) 1 Page - MTRONPTI

  K1536CLC Datasheet HTML 1Page - MTRONPTI K1536CLC Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
K1536CLC Series
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
OBSOLETE


Similar Part No. - K1536CLC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1536C MTRONPTI-K1536C Datasheet
298Kb / 2P
9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO
K1536CA MTRONPTI-K1536CA Datasheet
298Kb / 2P
9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO
K1536CAC MTRONPTI-K1536CAC Datasheet
298Kb / 2P
9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO
K1536CAM MTRONPTI-K1536CAM Datasheet
298Kb / 2P
9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO
K1536CAMC MTRONPTI-K1536CAMC Datasheet
298Kb / 2P
9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO
More results

Similar Description - K1536CLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VX81 ETC1-VX81 Datasheet
52Kb / 2P
SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
MTRONPTI
MSO3 MTRONPTI-MSO3 Datasheet
611Kb / 2P
3.3V 9x11mm Surface Mount Crystal Clock Oscillators
K1526A MTRONPTI-K1526A Datasheet
294Kb / 2P
5V 9x14mm Surface Mount Voltage Controlled Crystal Oscillator
K1526BLC MTRONPTI-K1526BLC Datasheet
289Kb / 2P
5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1526CLC MTRONPTI-K1526CLC Datasheet
292Kb / 2P
5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1536BLC MTRONPTI-K1536BLC Datasheet
291Kb / 2P
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
logo
List of Unclassifed Man...
HSM613 ETC2-HSM613 Datasheet
173Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS 3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator
logo
Fox Electronics
VCXO-D FOX-VCXO-D Datasheet
264Kb / 1P
3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
3.3V Surface Mount Crystal Clock Oscillator
logo
STATEK CORPORATION
VCXO STATEK-VCXO Datasheet
257Kb / 2P
Miniature Surface Mount Voltage-Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com