Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16CPS05 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STP16CPS05
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STP16CPS05 Datasheet HTML 18Page - STMicroelectronics STP16CPS05 Datasheet HTML 19Page - STMicroelectronics STP16CPS05 Datasheet HTML 20Page - STMicroelectronics STP16CPS05 Datasheet HTML 21Page - STMicroelectronics STP16CPS05 Datasheet HTML 22Page - STMicroelectronics STP16CPS05 Datasheet HTML 23Page - STMicroelectronics STP16CPS05 Datasheet HTML 24Page - STMicroelectronics STP16CPS05 Datasheet HTML 25Page - STMicroelectronics STP16CPS05 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STP16CPS05
22/26
Table 14.
SO-24 mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45°(typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
13.97
0.550
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
S
°(max.) 8
Figure 24. SO-24 package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com