Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM3483E Datasheet(PDF) 17 Page - Analog Devices

Part # ADM3483E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483E Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM3483E Datasheet HTML 12Page - Analog Devices ADM3483E Datasheet HTML 13Page - Analog Devices ADM3483E Datasheet HTML 14Page - Analog Devices ADM3483E Datasheet HTML 15Page - Analog Devices ADM3483E Datasheet HTML 16Page - Analog Devices ADM3483E Datasheet HTML 17Page - Analog Devices ADM3483E Datasheet HTML 18Page - Analog Devices ADM3483E Datasheet HTML 19Page - Analog Devices ADM3483E Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 17 of 20
R
D
RO
DI
DE
ADM3491E
NOTES
1. MAXIMUM NUMBER OF NODES: 32.
2. RT IS EQUAL TO THE CHARACTERISTIC IMPEDANCE OF THE CABLE USED.
A
B
Y
Z
RO
RT
RT
R
D
RO
DI
DE
ADM3491E
SLAVE
AB
Y
Z
R
DI
DE
ADM3491E
B
A
Z
Y
D
R
D
RO
DI
DE
ADM3491E
SLAVE
MASTER
SLAVE
AB
Y
Z
RE
RE
RE
RE
Figure 33. ADM3491E Full-Duplex RS-485 Network
R
D
RO
RE
DI
DATA IN
DATA OUT
DE
ADM3488E/
ADM3490E/
ADM3491E
NOTES
1. RT IS EQUAL TO THE CHARACTERISTIC
IMPEDANCE OF THE CABLE USED.
2. RE AND DE PINS ON ADM3491E ONLY.
A
B
Y
Z
RT
RT
Figure 34. Line Repeater for ADM3488E/ADM3490E/ADM3491E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com