Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC12F615 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC12F615
Description  8-bit PIC짰 Microcontrollers with High Voltage Support and Fan Control Capabilities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 2 Page - Microchip Technology

  PIC12F615 Datasheet HTML 1Page - Microchip Technology PIC12F615 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit our web site for additional product information.
Additional Information
PIC16F616/16HV616 Data Sheet, DS41288
PIC12F615/12HV615, PIC16F616/16HV616
Product Brief, DS41272
AN1035 - Designing with HV Microcontrollers,
DS01035
8-bit PIC Microcontroller Solutions Brochure, DS39630
Low Cost Development Tools Guide, DS51560
2006 Product Line Card, DS00890
Microchip Product Selector Guide, DS00148
Links/Sample/Purchasing Information
Web Link: www.microchip.com/fancontrol
Web Link: www.microchip.com/motorcontrol
Web Link: www.microchip.com/startnow
Online Sampling: www.sample.microchip.com
Online Purchasing: www.microchipdirect.com
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
Information subject to change. The Microchip name and logo, the Microchip logo, PIC and PICmicro are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All
other trademarks mentioned herein are property of their respective companies. © 2006, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 7/06
DS41294A
*DS41294A*
www.microchip.com/startnow
Microchip Fan Control Solution
Component Cost Savings:
Voltage Regulator
Input Signal Conditioning
Hall Effect Sensor
Improvements:
Hardware PWM
Greater control and response
Meets latest industry fan control specifications
PWM
Control
Timer1 gate
feature enables
all-digital period
and duty cycle
sensing
Internal pull-up
resistors reduce
component count
VDD
Internal shunt
regulator allows
12, 24, 48V
operation
Hardware PWM
output for half- and
full-bridge drive
Direct Hall Element
interface with built-in
comparator hysteresis
reduces component cost
PIC12HV615
PIC16HV616
Programmable control for
customizeable features
such as:
• PID control
• Alert output
• Tachometer output
• Temperature-based control
• Failure detect and retry
Motor
Drive
Hall
Sensor
High Voltage and Fan Control 8-bit PIC®Microcontrollers
Product
Flash
Program
Memory
Words
RAM
Bytes
I/O
Pins
Analog
Internal
Oscillator
Digital
High
Voltage
Support
Packages
ECCP*
ADC
Comp.†
Timers/WDT
PIC12F609
1K
64
6
--
--
1
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
No
8MD, 8P, 8SN
PIC12HV609
1K
64
6
--
--
1
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
Yes
8MD, 8P, 8SN
PIC12F615
1K
64
6
Half Bridge
4 x 10-bit
1
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
No
8MD, 8P, 8SN
PIC12HV615
1K
64
6
Half Bridge
4 x 10-bit
1
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
Yes
8MD, 8P, 8SN
PIC16F610
1K
72
12
--
--
2
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
No
14P, 14SL, 14ST, 16ML
PIC16HV610
1K
72
12
--
--
2
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
Yes
14P, 14SL, 14ST, 16ML
PIC16F616
2K
128
12
Full Bridge
8 x 10-bit
2
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
No
14P, 14SL, 14ST, 16ML
PIC16HV616
2K
128
12
Full Bridge
8 x 10-bit
2
4/8 MHz
1 16-bit, 2 8-bit, 1 EWDT
Yes
14P, 14SL, 14ST, 16ML
Package Key: MD = DFN, ML = QFN, P = PDIP, SL = SOIC (14-lead .150
″), SN = (8-lead .150″), ST = TSSOP
Tape & reel as well as extended temperature options are available.
*Enhanced Capture/Compare Pulse Width Modulation
†Comparator hysteresis can be disabled and used like a typical comparator.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com