Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS91718 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS91718
Description  Low EMI, Spread Modulating, Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91718 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS91718 Datasheet HTML 1Page - Renesas Technology Corp ICS91718 Datasheet HTML 2Page - Renesas Technology Corp ICS91718 Datasheet HTML 3Page - Renesas Technology Corp ICS91718 Datasheet HTML 4Page - Renesas Technology Corp ICS91718 Datasheet HTML 5Page - Renesas Technology Corp ICS91718 Datasheet HTML 6Page - Renesas Technology Corp ICS91718 Datasheet HTML 7Page - Renesas Technology Corp ICS91718 Datasheet HTML 8Page - Renesas Technology Corp ICS91718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS91718
0500D—07/15/04
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
CLKIN
INPUT
Input clock
2
VDD
POWER
Power supply, nominal 3.3V
3
GND
POWER
Ground pin.
4
**CLKOUT/FS_IN0
I/O
CLKOUT modulated clock output
FS_IN0 latched input, selects modulation percentage/type
5
REF_OUT/FS_IN1**
I/O
REF_OUT, unmodulated reference clock output
FS_IN1 latched input, selects modulation percentage/type
6
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
7
SCLK
INPUT
Clock pin of I2C circuitry 5V tolerant
8
PD#*
INPUT
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped.
The latency of the power down will not be greater than 1.8ms.
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com