Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS91719 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS91719
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91719 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS91719 Datasheet HTML 1Page - Renesas Technology Corp ICS91719 Datasheet HTML 2Page - Renesas Technology Corp ICS91719 Datasheet HTML 3Page - Renesas Technology Corp ICS91719 Datasheet HTML 4Page - Renesas Technology Corp ICS91719 Datasheet HTML 5Page - Renesas Technology Corp ICS91719 Datasheet HTML 6Page - Renesas Technology Corp ICS91719 Datasheet HTML 7Page - Renesas Technology Corp ICS91719 Datasheet HTML 8Page - Renesas Technology Corp ICS91719 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS91719
0506E—06/24/09
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
GND
POWER
Ground pin for 3V outputs
2
X1 _CLKIN
INPUT
Crystal input or CLOCKIN input
3
X2
OUTPUT
Crystal output
4
GNDA
POWER
Analog ground
5
VDDA
POWER
Analog power supply for 3V
6
VDD
POWER
Power supply for 3V
7
GND
POWER
Ground pin for 3V outputs
CLKOUT
OUTPUT
Modulated clock output
FS_IN0
INPUT
Latched input for input frequency select
Spread enable pin
Latched input for input frequency select
10
SDATA
INPUT
Data pin for I2C circuitry 5V tolerant
11
SCLK
INPUT
Clock pin for I2C circuitry 5V tolerant
12
^PD#
INPUT
Power down
13
**REF_Stop
INPUT
Stop control for REF_CLOCK output STOP:1, RUNNING:0
14
REF_OUT/VDDREF_SEL_1.8V * *
INPUT/OUTPUT
REF_CLOCK output
15
VDDREF_SEL_2.5V/3.3V# ^
POWER
REF_CLOCK power supply voltage select
16
VDDREF
POWER
Power supply for REF_CLOCK
^internal pull-up
**internal pull-down
8
9
^SPREAD_ENABLE
FS_IN1
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com