Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS93735 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS93735
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93735 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS93735 Datasheet HTML 1Page - Renesas Technology Corp ICS93735 Datasheet HTML 2Page - Renesas Technology Corp ICS93735 Datasheet HTML 3Page - Renesas Technology Corp ICS93735 Datasheet HTML 4Page - Renesas Technology Corp ICS93735 Datasheet HTML 5Page - Renesas Technology Corp ICS93735 Datasheet HTML 6Page - Renesas Technology Corp ICS93735 Datasheet HTML 7Page - Renesas Technology Corp ICS93735 Datasheet HTML 8Page - Renesas Technology Corp ICS93735 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS93735
IDTTM/ICSTM Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735
REV F 02/11/07
Low Cost DDR Phase Lock Loop Zero Delay Buffer
DATASHEET
Description
Output Features
DDR Zero Delay Clock Buffer
Low skew, low jitter PLL clock driver
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
3.3V tolerant CLK_INT input
Key Specifications
PEAK - PEAK jitter (66MHz): <120ps
PEAK - PEAK jitter (>100MHz): <75ps
CYCLE - CYCLE jitter (66MHz):<110ps
CYCLE - CYCLE jitter (>100MHz):<65ps
OUTPUT - OUTPUT skew: <100ps
Output Rise and Fall Time: 650ps - 950ps
DUTY CYCLE: 49.5% - 50.5%
48-pin SSOP package
Available in RoHS compliant packaging
Pin Configuration
Funtional Block Diagram
48-pin SSOP
FB_INT
CLK_INT
PLL
SCLK
SDATA
Control
Logic
FB_OUTT
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
AVDD
CLK_INT
CLKT
CLKC
FB_OUTT
2.5V (nom)
L
L
H
L
on
2.5V (nom)
H
H
L
H
on
2.5V (nom)
< offset freq*
offset freq* offset freq* offset freq*
off
GND
L
L
H
L
Bypassed/off
GND
H
H
L
H
Bypassed/off
* The offset frequency is ~ 20 MHz, varying somewhat from part to part.
INPUTS
OUTPUTS
PLL State
Funtionality Table


Similar Part No. - ICS93735

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93735F-T ICST-ICS93735F-T Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
More results

Similar Description - ICS93735

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com