Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950508 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950508
Description  Programmable Timing Control Hub™ for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950508 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950508 Datasheet HTML 1Page - Renesas Technology Corp ICS950508 Datasheet HTML 2Page - Renesas Technology Corp ICS950508 Datasheet HTML 3Page - Renesas Technology Corp ICS950508 Datasheet HTML 4Page - Renesas Technology Corp ICS950508 Datasheet HTML 5Page - Renesas Technology Corp ICS950508 Datasheet HTML 6Page - Renesas Technology Corp ICS950508 Datasheet HTML 7Page - Renesas Technology Corp ICS950508 Datasheet HTML 8Page - Renesas Technology Corp ICS950508 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950508
0470E—04/06/05
Block Diagram
Pin Configuration
Recommended Application:
810/810E/815 and 815 B-Step type chipset
Output Features:
•
2 - CPUs @ 2.5V
•
13 - SDRAM @ 3.3V
•
3 - 3V66 @ 3.3V
•
8 - PCI @3.3V
•
1 - 24/48MHz@ 3.3V
•
1 - 48MHz @ 3.3V fixed
•
1 - REF @3.3V, 14.318MHz
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU Output Jitter: <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <175ps
•
For group skew timing, please refer to the
Group Timing Relationship Table.
Programmable Timing Control Hub™ for PII/III™
1. These pins will have 1.5 to 2X drive strength.
* Internal Pull-up resistor of 120K to VDD
56-Pin 300-mil SSOP
VDDREF
X1
X2
GND
GND
3V66_0
3V66_1
3V66_2
VDD3V66
VDDPCI
*FS0/PCICLK0
*FS1/PCICLK1
*SEL24_48#/PCICLK2
GND
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GND
Vtt_PWRGD/PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GND
1
1
1
REF0/FS4 *
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GND
GND
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GND
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND
24_48MHz/FS2*
48MHZ/FS3*
VDD48
VDDSDR
SDRAM8
SDRAM9
GND
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (1:0)
2
12
8
3
SDRAM (11:0)
IOAPIC
PCICLK (7:0)
SDRAM_F
3V66 (2:0)
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS(4:0)
PD#
SEL24_48#
Vtt_PWRGD
SDATA
SCLK
Control
Logic
Config.
Reg.
/ 2
REF0


Similar Part No. - ICS950508

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950508 ICST-ICS950508 Datasheet
161Kb / 19P
Programmable Timing Control HubTM for PII/IIITTM
ICS950508YFLF-T ICST-ICS950508YFLF-T Datasheet
161Kb / 19P
Programmable Timing Control HubTM for PII/IIITTM
More results

Similar Description - ICS950508

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950602 ICST-ICS950602 Datasheet
147Kb / 16P
Programmable Timing Control Hub for PII/III
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950219 RENESAS-ICS950219 Datasheet
211Kb / 19P
Programmable Timing Control Hub™ for P4™
12/30/03
ICS950220 RENESAS-ICS950220 Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
ICS950227 RENESAS-ICS950227 Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
ICS950602 RENESAS-ICS950602 Datasheet
332Kb / 17P
Programmable Timing Control Hub™ for PII/III™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com