Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM340 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM340
Description  3-Terminal Positive Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM340 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM340 Datasheet HTML 8Page - National Semiconductor (TI) LM340 Datasheet HTML 9Page - National Semiconductor (TI) LM340 Datasheet HTML 10Page - National Semiconductor (TI) LM340 Datasheet HTML 11Page - National Semiconductor (TI) LM340 Datasheet HTML 12Page - National Semiconductor (TI) LM340 Datasheet HTML 13Page - National Semiconductor (TI) LM340 Datasheet HTML 14Page - National Semiconductor (TI) LM340 Datasheet HTML 15Page - National Semiconductor (TI) LM340 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Hints (Continued)
HEATSINKING TO-263 AND SOT-223 PACKAGE PARTS
Both the TO-263 (“S”) and SOT-223 (“MP”) packages use a
copper plane on the PCB and the PCB itself as a heatsink.
To optimize the heat sinking ability of the plane and PCB,
solder the tab of the plane.
shows for the TO-263 the measured values of
θ
(J–A) for
different copper area sizes using a typical PCB with 1 ounce
copper and no solder mask over the copper area used for
heatsinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. It should also
be observed that the minimum value of
θ
(J–A) for the TO-263
package mounted to a PCB is 32˚C/W.
As a design aid, Figure 5 shows the maximum allowable
power dissipation compared to ambient temperature for the
TO-263 device (assuming
θ
(J–A) is 35˚C/W and the maxi-
mum junction temperature is 125˚C).
Figures 6, 7 show the information for the SOT-223 package.
Figure 6 assumes a
θ
(J–A) of 74˚C/W for 1 ounce copper and
51˚C/W for 2 ounce copper and a maximum junction tem-
perature of 125˚C.
Please see AN-1028 for power enhancement techniques to
be used with the SOT-223 package.
00778139
FIGURE 4.
θ
(J–A) vs Copper (1 ounce)
Area for the TO-263 Package
00778140
FIGURE 5. Maximum Power Dissipation vs
T
AMB for the TO-263 Package
00778141
FIGURE 6.
θ
(J–A) vs Copper (2 ounce) Area
for the SOT-223 Package
00778142
FIGURE 7. Maximum Power Dissipation vs
T
AMB for the SOT-223 Package
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com