Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP5861T Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5861T
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5861T Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5861T Datasheet HTML 17Page - Texas Instruments LP5861T Datasheet HTML 18Page - Texas Instruments LP5861T Datasheet HTML 19Page - Texas Instruments LP5861T Datasheet HTML 20Page - Texas Instruments LP5861T Datasheet HTML 21Page - Texas Instruments LP5861T Datasheet HTML 22Page - Texas Instruments LP5861T Datasheet HTML 23Page - Texas Instruments LP5861T Datasheet HTML 24Page - Texas Instruments LP5861T Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
CS17
+
–
CS1
V
LODVTH
CS0
Channel_lodxx Register
Channel
Control
LOD data set
to 1b
Global_LOD Bit
+
–
Channel
Control
+
–
Channel
Control
GND
Lower than threshold
for con nuously 4 mes
Comparing with
open threshold
0.25V
V
LODVTH
V
LODVTH
Figure 8-11. LOD Circuits
LED Short Detection
The LP5860T includes LED short detection (LSD) for the fault caused by any shorted LED. Threshold for
channel short is (VLED – 1) V typical. LED short detection only performed when PWM ≥ 25 (Mode 1 and Mode
2) or PWM ≥ 6400 (Mode 3) and voltage on CSn is detected higher than short threshold for continuously 4
sub-periods. As there is parasitic capacitance for the current sink, to make sure the LSD result is correct, setting
the LED current higher than 0.5 mA is recommended.
Figure 8-12 shows the detection circuit of LSD function. When short fault is detected, 'Global_LSD bit' in
Fault_state register is set to 1 and detailed fault state for every channel are also monitored in register Dot_lsdx
(x = 0, 1, … , 32). All short fault indicator bits can be cleared by setting LSD_clear = 0Fh after the short condition
is removed.
LSD removal function can be enabled by setting 'LSD_removal' bit in Dev_config2 register to 1. This function
turns off the upside deghosting function of the scan line where short LED is included.
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com