Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74V2G03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2G03
Description  DUAL 2-INPUT OPEN DRAIN NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G03 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2G03 Datasheet HTML 1Page - STMicroelectronics 74V2G03 Datasheet HTML 2Page - STMicroelectronics 74V2G03 Datasheet HTML 3Page - STMicroelectronics 74V2G03 Datasheet HTML 4Page - STMicroelectronics 74V2G03 Datasheet HTML 5Page - STMicroelectronics 74V2G03 Datasheet HTML 6Page - STMicroelectronics 74V2G03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 3.9ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2G03 is an advanced high-speed CMOS
DUAL 2-INPUT OPEN DRAIN NAND GATE
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
The device can, with an external pull-up resistor,
be used in wired AND configuration. This device
can also be used as a led driver in any other
application requiring current sink.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V2G03
DUAL 2-INPUT OPEN DRAIN NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2G03STR
SOT23-8L


Similar Part No. - 74V2G03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G00 STMICROELECTRONICS-74V2G00 Datasheet
44Kb / 6P
DUAL 2-INPUT NAND GATE
Jun-2000
74V2G00 STMICROELECTRONICS-74V2G00 Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
74V2G00STR STMICROELECTRONICS-74V2G00STR Datasheet
44Kb / 6P
DUAL 2-INPUT NAND GATE
Jun-2000
74V2G00STR STMICROELECTRONICS-74V2G00STR Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
74V2G00 STMICROELECTRONICS-74V2G00_03 Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
More results

Similar Description - 74V2G03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
Texas Instruments
SN74LVC2G38 TI-SN74LVC2G38 Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
2-input NAND gate; open drain
Rev. 03-27 August 2007
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
2-input NAND gate; open drain
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
2-input NAND gate; open drain
Rev. 10 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com