Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS4113 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS4113
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4113 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS4113 Datasheet HTML 1Page - Renesas Technology Corp HS4113 Datasheet HTML 2Page - Renesas Technology Corp HS4113 Datasheet HTML 3Page - Renesas Technology Corp HS4113 Datasheet HTML 4Page - Renesas Technology Corp HS4113 Datasheet HTML 5Page - Renesas Technology Corp HS4113 Datasheet HTML 6Page - Renesas Technology Corp HS4113 Datasheet HTML 7Page - Renesas Technology Corp HS4113 Datasheet HTML 8Page - Renesas Technology Corp HS4113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HS411x Datasheet
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 3
List of Figures
Figure 1. HS4111 RH Accuracy Tolerance at 25°C .................................................................................................7
Figure 2. HS4111 RH Accuracy over Temperature..................................................................................................7
Figure 3. HS4112 RH Accuracy Tolerance at 25°C .................................................................................................7
Figure 4. HS4112 RH Accuracy over Temperature..................................................................................................7
Figure 5. HS4113 RH Accuracy Tolerance at 25°C .................................................................................................7
Figure 6. HS4113 RH Accuracy over Temperature..................................................................................................7
Figure 7. HS4114 RH Accuracy Tolerance at 25°C .................................................................................................8
Figure 8. HS4114 RH Accuracy over Temperature..................................................................................................8
Figure 9. HS4111/HS4112 Temperature Sensor Accuracy Tolerance ....................................................................8
Figure 10. HS4113 Temperature Sensor Accuracy Tolerance ................................................................................8
Figure 11. HS4114 Temperature Sensor Accuracy Tolerance ................................................................................8
Figure 12. HS411x Application Circuit......................................................................................................................9
Figure 13. Relative Humidity vs. VRH Output Analog Voltage...............................................................................10
Figure 14. Temperature vs. VT Output Analog Voltage .........................................................................................10
Figure 15. Recommended Soldering Profile...........................................................................................................11
Figure 16. Milled PCB Openings for Thermal Isolation ..........................................................................................12
List of Tables
Table 1. Humidity Sensor Specifications, TA = +25°C, VDD = 1.71V to 3.6V ............................................................6
Table 2. Temperature Sensor Specifications, TA = +25°C, VDD = 1.71V to 3.6V .....................................................6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com