Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BR Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BR
Description  Low Noise 25mVpp, Isolated Type DC-DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BR Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BR Datasheet HTML 1Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
4.5 Watt BR Series
Low Noise 25mVpp, Isolated Type DC-DC Converter
Input: 5V   
 
Output: 5V, 12V, 15V
- Analog, Digital Optimum
Models
Input V
Output V
Output I
Line Reg
Load Reg Ripple/ Noise Efficiency
- Floating Type between Input
BR-S Series
Vdc
Vdc
mA
% (typ.)
% (typ.)
mVpp(typ.)
% (typ.)
and Output
BR05-05S-60
5
0-600
- Low Noise 25mVp-p
BR05-12S-38
12
0-380
- Short Circuit, Over-Current
BR05-15S-30
15
0-300
Protection
Note 1: Derating required for input voltage 5.25V or greater.
- No Electrolytic Capacitor,
No Tantalum Capacitor
<Outline>
- 5-Side Metallic shield structure
- EMI Line Filter
- Over-Heat Protection
- Long-Life with TCT Patent
Circuit
- Isolation Voltage DC500V
BR-S Series
- Low Drift 50mV/8H
- Operating Temp Range
-20°C to +70°C
(Temp Derating Required for 50°C)
- RoHS Compliance
<Standard Connection Diagram>
- Recommended Capacitor
- Note!
C1=47µF-100µF (Electrolytic or multilayer ceramic capacitor)
This catalogue is an outline of the
C2=1µF (Multilayer ceramic capacitor)
products. When designing, be sure
External capacitors are not required, but noise can be lowered by reducing power line
to refer to the data sheets.
impedance and load line impedance.
DC-DC CONVERTERS
BDD2008.12A
4.75-6
60
0.5
0.5
25
Pin Function
1
2
16
17
18
+Vin
19
+Vout
-Vout
+Vin
34
26
3
21
NC
NC
+Vin
-Vin
-Vin
-Vin
36
+Vout
-Vout
29
34
21
36
19
1
2
3
BR-S
16
17
18
+Vout
-Vout
+Vin
-Vin
Load
C1
Input
C2
RoHS
Compliance
45.72
3
18
16
2
1
(2.7)
51.3 max.
CL
NC
+IN
NC
-OUT
51.3 max.
φ0.6
φ1.1
N.P
19
21
26
29
34
36
17
ISOLATED
CONVERTER
Bellnix
JAPAN
DC-DC
2.7
-IN
+IN
+IN
-IN
-IN
-OUT
+OUT
+OUT
CL
Units:mm
Weight:25g typ.


Similar Description - BR

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA106-24051 ISAHAYA-VLA106-24051 Datasheet
216Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA312-2425 ISAHAYA-VLA312-2425 Datasheet
150Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA313-2450 ISAHAYA-VLA313-2450 Datasheet
141Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
logo
Volgen Kaga Electronics...
VR05-1220LB VOLGEN-VR05-1220LB Datasheet
996Kb / 1P
Ultra Low Noise 3mVpp, Isolated Type DC-DC Converter
logo
Bellnix Co.,Ltd.
BLA05 BELLNIX-BLA05 Datasheet
418Kb / 12P
Ultralow Noise, Ultracompact, Isolated type DC-DC Converter
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC12 BELLNIX-BLC12 Datasheet
484Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BR-LB BELLNIX-BR-LB Datasheet
184Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BR-S BELLNIX-BR-S Datasheet
218Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com