Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WMS7204 Datasheet(PDF) 10 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 10 Page - Winbond

Back Button WMS7204 Datasheet HTML 6Page - Winbond WMS7204 Datasheet HTML 7Page - Winbond WMS7204 Datasheet HTML 8Page - Winbond WMS7204 Datasheet HTML 9Page - Winbond WMS7204 Datasheet HTML 10Page - Winbond WMS7204 Datasheet HTML 11Page - Winbond WMS7204 Datasheet HTML 12Page - Winbond WMS7204 Datasheet HTML 13Page - Winbond WMS7204 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WMS7204
- 10 -
7.5. DAISY CHAIN
Multiple devices can be controlled by the same bus without the need for extra CS lines from the
microcontroller by daisy chaining the devices with the SDO of the first device connected to SDI of the
next device as shown in figure 3
FIGURE 3 – DAISY CHAIN CONFIGURATION
A complete command is 24 bits including the instruction and the two data bytes. When shifting 24 bits
in to the first device in the chain, the 24 bits of the previous command will be shifted out. So to set up
two devices in a daisy chain, a total of 48 bits must be sent where the first 24 bits will be shifted out to
the second device and the 24 bits shifted in last will remain in the first device.
FIGURE 4 – DAISY CHAIN COMMAND EXAMPLE
CS
CLK
SDO
SDI SDO
SDI SDO
SDI SDO
Device
Device
Device
Micro
controller
CS
CS
CLK
CLK
CLK
CS
1. Command and data for device 2 is shifted into device 1; this will propagate to Device 2 when
the next 24 bits are shifted in.
Command 1
Data
2
Data
2
xx
xx
xx
Device
Device
2. Command and data for device 1 is shifted into device 1. Now Device 1 and 2 are correctly set
up
Command 2
Data
1
Data
1
Command A
Data
2
Data
2
Device
Device
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com