Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP602BRMZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP602BRMZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP602BRMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP602BRMZ Datasheet HTML 5Page - Analog Devices ADCMP602BRMZ Datasheet HTML 6Page - Analog Devices ADCMP602BRMZ Datasheet HTML 7Page - Analog Devices ADCMP602BRMZ Datasheet HTML 8Page - Analog Devices ADCMP602BRMZ Datasheet HTML 9Page - Analog Devices ADCMP602BRMZ Datasheet HTML 10Page - Analog Devices ADCMP602BRMZ Datasheet HTML 11Page - Analog Devices ADCMP602BRMZ Datasheet HTML 12Page - Analog Devices ADCMP602BRMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 9 of 16
1.00V/DIV
M4.00ns
4.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
OVERDRIVE (mV)
Figure 12. Propagation Delay vs. Input Overdrive at VCC = 2.5 V
Figure 15. 50 MHz Output Waveform VCC = 5.5 V
4.0
3.8
3.4
3.6
3.2
3.0
–0.6
0
0.6
1.2
1.8
2.4
3.0
COMMON-MODE VOLTAGE (V)
VCM AT VCC = 2.5V
RISE
FALL
500mV/DIV
M4.00ns
Figure16. 50 MHz Output Waveforms @ 2.5 V
Figure 13. Propagation Delay vs. Input Common-Mode Voltage
at VCC = 2.5 V
5.0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
2.5
3.0
3.5
4.0
6.0
5.5
5.0
4.5
VCCO (V)
RISE
FALL
Figure 14. Propagation Delay vs. VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com