Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP600BKJZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP600BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600BKJZ Datasheet(HTML) 5 Page - Analog Devices

  ADCMP600BKJZ Datasheet HTML 1Page - Analog Devices ADCMP600BKJZ Datasheet HTML 2Page - Analog Devices ADCMP600BKJZ Datasheet HTML 3Page - Analog Devices ADCMP600BKJZ Datasheet HTML 4Page - Analog Devices ADCMP600BKJZ Datasheet HTML 5Page - Analog Devices ADCMP600BKJZ Datasheet HTML 6Page - Analog Devices ADCMP600BKJZ Datasheet HTML 7Page - Analog Devices ADCMP600BKJZ Datasheet HTML 8Page - Analog Devices ADCMP600BKJZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 5 of 16
TIMING INFORMATION
Figure 2 illustrates the ADCMP600/ADCMP601/ADCMP602 latch timing relationships. Table 2 provides definitions of the terms shown
in Figure 2.
1.1V
50%
VN ± VOS
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
tH
tPDL
tPLOH
tF
VIN
VOD
tS
tPL
Figure 2. System Timing Diagram
Table 2. Timing Descriptions
Symbol
Timing
Description
tPDH
Input to output high delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output low-to-high transition.
tPDL
Input to output low delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output high-to-low transition.
tPLOH
Latch enable to output high delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output low-to-high transition.
tPLOL
Latch enable to output low delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output high-to-low transition.
tH
Minimum hold time
Minimum time after the negative transition of the latch enable signal that the input signal
must remain unchanged to be acquired and held at the outputs.
tPL
Minimum latch enable pulse width
Minimum time that the latch enable signal must be high to acquire an input signal change.
tS
Minimum setup time
Minimum time before the negative transition of the latch enable signal occurs that an
input signal change must be present to be acquired and held at the outputs.
tR
Output rise time
Amount of time required to transition from a low to a high output as measured at the 20%
and 80% points.
tF
Output fall time
Amount of time required to transition from a high to a low output as measured at the 20%
and 80% points.
VOD
Voltage overdrive
Difference between the input voltages VA and VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com