Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CZMA3.9 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CZMA3.9
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZMA3.9 Datasheet(HTML) 3 Page - Continental Device India Limited

  CZMA3.9 Datasheet HTML 1Page - Continental Device India Limited CZMA3.9 Datasheet HTML 2Page - Continental Device India Limited CZMA3.9 Datasheet HTML 3Page - Continental Device India Limited CZMA3.9 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CZMA3V9-47V
SOT-23
Formed SMD Package
CZMA3.9_47VRev_1 071005E
Reel specification for W" Packing (13" reel)
SOT-23 Formed SMD Package
For Lead Free Parts, Device Part #
will be Prefixed with "T"
Tape Specification for SOT-23 Surface Mount Device
SOT-23 Package Reel Information
SOT-23 T&R
3K/reel
10K/reel
136gm/3K pcs
415gm/10K pcs
3"x7.5"x7.5"
9"x9"x9"
13"x13"x0.5"
12 K
51 K
10 K
17"x15"x13.5"
19"x19"x19"
17"x15"x13.5"
192 K
408 K
300 K
12 kgs
28 kgs
16 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
GrWt
Size
Size
Packing Detail
± 0.02
± 0.02
1.30
0.60
0.60
7°
0.08
PARTING LINE
RO.08
0.21
6°
7°
5°
±3"
±0.05
2.50
±4"
0.08
R0.08
± 0.02
2.50
0.60
1.30
±0.05
±0.025
±0.02
3°
3°
0.60
cL
1
2
3
ø329.2±0.5 / 178 ±0.5
14.4
7.9 – 10.9
9.2±0.5
MAX
ø100.0±0.5 / 54.5 ±0.5
ø
2.0±0.5
ø20.2 MIN
DETAIL X
ø13.0
+0.5
–0.2
180
or
330
All dimensions in mm
330 / 180 mm – Antistatic Coated Plastic Reel
NOTES:
No. of Devices
8mm Tape
Size of Reel
330 mm (13")
10,000 Pcs
8mm Tape
Size of Reel
180 mm (7")
3,000 Pcs
1.
The bandolier of 330 mm reel contains at least 10,000 devices.
2.
The bandolier of 180 mm reel contains at least 3,000 devices.
3.
No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel.
15 empty compartments for 180 mm reel.
4.
Three consecutive empty places might be found provided this gap is followed by 6
consecutive devices.
5.
The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm).
In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end
of the bandolier at least 40 empty positions (equivalent to 160 mm) are there.
±0.05
±0.05
±0.1
±0.10
±0.05
±0.1
±0.05
1.6
MAX
1.22
2.77
8.0
3.5
4.0
±0.1
±0.1
4.0
1.55
2.0
1.75
+0.3
5.75
MAX
3.15
1.0
- 0.1
Direction of Unreeling
All dimensions in mm
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com