Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KWCSLPM2.CC Datasheet(PDF) 7 Page - ams AG

Part # KWCSLPM2.CC
Description  This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWCSLPM2.CC Datasheet(HTML) 7 Page - ams AG

Back Button KWCSLPM2.CC Datasheet HTML 3Page - ams AG KWCSLPM2.CC Datasheet HTML 4Page - ams AG KWCSLPM2.CC Datasheet HTML 5Page - ams AG KWCSLPM2.CC Datasheet HTML 6Page - ams AG KWCSLPM2.CC Datasheet HTML 7Page - ams AG KWCSLPM2.CC Datasheet HTML 8Page - ams AG KWCSLPM2.CC Datasheet HTML 9Page - ams AG KWCSLPM2.CC Datasheet HTML 10Page - ams AG KWCSLPM2.CC Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
KW CSLPM2.CC
DATASHEET
DATASHEET
7 | Version 1.5 | 2023-07-03
Chromaticity Coordinate Groups
KW CSLPM2.CC
0,0
0,2
0,4
0,6
Cx
0,36
0,38
0,40
0,42
0,44
0,46
Cx
0,0
0,2
0,4
0,6
0,8
Cy
0,34
0,36
0,38
0,40
0,42
0,44
Cy
400 -
380nm
500nm
550nm
600nm
700-
750nm
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
9O
8O
7O
6O
5O
4O
9P
8P
7P
6P
5P
4P
9Q
8Q
7Q
6Q
5Q
4Q
9R
8R
7R
6R
5R
4R
9S
8S
7S
6S
5S
4S
9T
8T
7T
6T
5T
4T
3000 K
4000 K
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
CCT
4R
0.4109 0.3726 3000
0.4147 0.3814 3000
0.4222 0.3840 3000
0.4181 0.3751 3000
4S
0.4181 0.3751 3000
0.4222 0.3840 3000
0.4298 0.3867 3000
0.4254 0.3776 3000
4T
0.4254 0.3776 3000
0.4298 0.3867 3000
0.4373 0.3893 3000
0.4326 0.3801 3000
5R
0.4147 0.3814 3000
0.4185 0.3902 3000
0.4263 0.3929 3000
0.4222 0.3840 3000
Group
Cx
Cy
CCT
5S
0.4222 0.3840 3000
0.4263 0.3929 3000
0.4342 0.3957 3000
0.4298 0.3867 3000
5T
0.4298 0.3867 3000
0.4342 0.3957 3000
0.4420 0.3985 3000
0.4373 0.3893 3000
6R
0.4185 0.3902 3000
0.4223 0.3990 3000
0.4305 0.4019 3000
0.4263 0.3929 3000
6S
0.4263 0.3929 3000
0.4305 0.4019 3000
0.4386 0.4048 3000
0.4342 0.3957 3000
Group
Cx
Cy
CCT
6T
0.4342 0.3957 3000
0.4386 0.4048 3000
0.4468 0.4077 3000
0.4420 0.3985 3000
7R
0.4223 0.3990 3000
0.4261 0.4077 3000
0.4346 0.4108 3000
0.4305 0.4019 3000
7S
0.4305 0.4019 3000
0.4346 0.4108 3000
0.4430 0.4138 3000
0.4386 0.4048 3000
7T
0.4386 0.4048 3000
0.4430 0.4138 3000
0.4515 0.4168 3000
0.4468 0.4077 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com