Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLPVQ940A Datasheet(PDF) 16 Page - ams AG

Part # PLPVQ940A
Description  VCSEL pulsed laser in small footprint QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PLPVQ940A Datasheet(HTML) 16 Page - ams AG

Back Button PLPVQ940A Datasheet HTML 9Page - ams AG PLPVQ940A Datasheet HTML 10Page - ams AG PLPVQ940A Datasheet HTML 11Page - ams AG PLPVQ940A Datasheet HTML 12Page - ams AG PLPVQ940A Datasheet HTML 13Page - ams AG PLPVQ940A Datasheet HTML 14Page - ams AG PLPVQ940A Datasheet HTML 15Page - ams AG PLPVQ940A Datasheet HTML 16Page - ams AG PLPVQ940A Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
PLPVQ 940A
16 Version 1.2 | 2019-04-04
Revision History
Version
Date
Change
1.0
2019-02-14
Initial Version
1.1
2019-03-25
Recommended Solder Pad
1.2
2019-04-03
Ordering Information
Characteristics
Electro - Optical Characteristics (Diagrams)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com