Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS2604 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2604
Description  RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2604 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2604 Datasheet HTML 1Page - Advanced Power Technology MS2604 Datasheet HTML 2Page - Advanced Power Technology MS2604 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12-05-2002
MS2604
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 15 mA
IE = 0 mA
55
---
---
V
BVEBO
IE = 2 mA
IC = 0 mA
3.5
---
---
V
BVCER
IC = 15 mA
RBE = 10
Ω
Ω
Ω
Ω
55
---
---
V
ICES
VCE = 40 V
---
---
10
mA
HFE
VCE = 5.0 V
IC = 1.5 A
30
---
150
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 2700 - 3100 MHz
PIN = 6.0 W
VCC = 40V
25
---
---
W
ηηηηc
f = 2700 - 3100 MHz
PIN = 6.0 W
VCC = 40V
30
---
---
%
GPE
f = 2700 - 3100 MHz
PIN = 6.0 W
VCC = 40V
6.2
---
---
dB
Conditions
Pulse Width = 100
µµµµsec Duty Cycle = 10%
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
Freq
ZIN(
Ω
Ω
Ω
Ω)
ZCL(
Ω
Ω
Ω
Ω)
2.7 GHz
12.0 + j3.0
15.0 - j4.0
2.9 GHz
6.5 + j0.0
15.5 - j3.0
3.1 GHz
5.0 - j3.0
11.0 - j3.0
PIN = 6 W
VCC = 40 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com