Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS43L21 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 11Page - Cirrus Logic CS43L21 Datasheet HTML 12Page - Cirrus Logic CS43L21 Datasheet HTML 13Page - Cirrus Logic CS43L21 Datasheet HTML 14Page - Cirrus Logic CS43L21 Datasheet HTML 15Page - Cirrus Logic CS43L21 Datasheet HTML 16Page - Cirrus Logic CS43L21 Datasheet HTML 17Page - Cirrus Logic CS43L21 Datasheet HTML 18Page - Cirrus Logic CS43L21 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
DS723A1
15
CS43L21
HEADPHONE OUTPUT POWER CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; measurement band-
width is 10 Hz to 20 kHz; Sample Frequency = 48 kHz; test load RL = 16 Ω, CL = 10 pF (see Figure 3).
4.
One-half LSB of triangular PDF dither is added to data.
5.
Full-scale output voltage and power is determined by the gain setting, G, in register “Headphone Analog
Gain (HP_GAIN[2:0])” on page 41. High gain settings at certain VA and VA_HP supply levels may
cause clipping when the audio signal approaches full-scale, maximum power output, as shown in
Figures 21 - 24 on page 55.
6.
See Figure 3. RL and CL reflect the recommended minimum resistance and maximum capacitance re-
quired for the internal op-amp's stability and signal integrity. In this circuit topology, CL will effectively
move the band-limiting pole of the amp in the output stage. Increasing this value beyond the recom-
mended 150 pF can cause the internal op-amp to become unstable.
7.
VA_HP settings lower than VA reduces the headroom of the headphone amplifier. As a result, the DAC
may not achieve the full THD+N performance at full-scale output voltage and power.
Parameter
VA = 2.5V (nominal)
Min
Typ
Max
VA = 1.8V (nominal)
Min
Typ
Max
Unit
AOUTx Power Into RL = 16 Ω
HP_GAIN[2:0]
Analog
Gain (G)
VA_HP
000
0.3959
1.8 V
-
14
-
-
7
-
mWrms
2.5 V
-
14
-
-
7
-
mWrms
001
0.4571
1.8 V
-
19
-
-
10
-
mWrms
2.5 V
-
19
-
-
10
-
mWrms
010
0.5111
1.8 V
-
23
-
-
12
-
mWrms
2.5 V
-
23
-
-
12
-
mWrms
011 (default)
0.6047
1.8 V
(Note 7)
-17
-
mWrms
2.5 V
-
32
-
-
17
-
mWrms
100
0.7099
1.8 V
(Note 7)
-23
-
mWrms
2.5 V
-
44
-
-
23
-
mWrms
101
0.8399
1.8 V
(Note 5)
mWrms
2.5 V
-32
-
mWrms
110
1.0000
1.8 V
(Note 5, 7)
mWrms
2.5 V
mWrms
111
1.1430
1.8 V
mWrms
2.5 V
mWrms
AOUTx
AGND
R
L
C
L
0.022
µF
51
Ω
Figure 3. Headphone Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com