Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAS480M12HM3 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # CAS480M12HM3
Description  1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAS480M12HM3 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  CAS480M12HM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright ©2022 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
4
Rev. 2, 2022-02-25
CAS480M12HM3
4600 Silicon Dr., Durham, NC 27703
Figure 2. Normalized On-State Resistance vs. Drain Current for Various
Junction Temperatures
Typical Performance
Figure 5. 3rd Quadrant Characteristic vs. Junction Temperatures at
V
GS = 15 V
Figure 1. Output Characteristics for Various Junction
Temperatures
Figure 3. Normalized On-State Resistance vs.
Junction Temperature
Figure 4. Transfer Characteristic for Various Junction
Temperatures
Figure 6. 3rd Quadrant Characteristic vs. Junction Temperatures at
V
GS = 0V (Diode)
0
100
200
300
400
500
600
700
800
900
0
1
2
3
4
5
Drain-Source Voltage, VDS (V)
150 °C
125 °C
-40 °C
100 °C
tp < 300 μs
VGS = 15 V
25 °C
175 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100 125 150 175 200
Virtual Junction Temperature, TVJ (°C)
tp < 300 μs
VGS = 15 V
ID = 480 A
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
Gate-Source Voltage, VGS (V)
-25 °C
-40 °C
0 °C
25 °C
100 °C
125 °C
150 °C
175 °C
tp < 300 μs
VDS = 20 V
0
100
200
300
400
500
600
700
800
900
0
0.5
1
1.5
2
2.5
3
Source-Drain Voltage, VSD (V)
150 °C
125 °C
-40 °C
100 °C
tp < 300 μs
VGS = 15 V
25 °C
175 °C
0
100
200
300
400
500
600
700
800
900
0
0.5
1
1.5
2
2.5
3
3.5
4
Source-Drain Voltage, VSD (V)
150 °C
125 °C
-40 °C
100 °C
tp < 300 μs
VGS = 0 V
25 °C
0 °C
-25 °C
175 °C
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
700
800
900
Drain-Source Current, IDS (A)
tp < 300 μs
VGS = 15 V
25 °C
100 °C
125 °C
150 °C
175 °C
-40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com