Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS6131-01 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FS6131-01
Description  Programmable Line Lock Clock Generator IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6131-01 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FS6131-01 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Table 18: Serial Interface Timing Specifications
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical.
STANDARD MODE
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
MAX.
UNITS
Clock frequency
fSCL
SCL
0
400
kHz
Bus free time between STOP and START
tBUF
4.7
µs
Set up time, START (repeated)
tsu:STA
4.7
µs
Hold time, START
thd:STA
4.0
µs
Set up time, data input
tsu:DAT
SDA
250
ns
Hold time, data input
thd:DAT
SDA
0
µs
Output data valid from clock
tAA
Minimum delay to bridge undefined region of the falling
edge of SCL to avoid unintended START or STOP
3.5
µs
Rise time, data and clock
tR
SDA, SCL
1000
ns
Fall time, data and clock
tF
SDA, SCL
300
ns
High time, clock
tHI
SCL
4.0
µs
Low time, clock
tLO
SCL
4.7
µs
Set up time, STOP
tsu:STO
4.0
µs
Figure 17: Bus Timing Data
SCL
SDA
STOP
t
su:STO
t
hd:STA
START
t
su:STA
ADDRESS OR
DATA VALID
DATA CAN
CHANGE
Figure 18: Data Transfer Sequence
SCL
SDA
IN
t
hd:DAT
t
hd:STA
t
su:STA
t
su:STO
t
LO
t
HI
SDA
OUT
t
su:DAT
t
BUF
t
R
t
F
t
AA
t
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com