Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KCL Datasheet(PDF) 1 Page - Leach International Corporation

Part # KCL
Description  RELAYLATCHING 3 PDT, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KCL Datasheet(HTML) 1 Page - Leach International Corporation

  KCL Datasheet HTML 1Page - Leach International Corporation KCL Datasheet HTML 2Page - Leach International Corporation KCL Datasheet HTML 3Page - Leach International Corporation KCL Datasheet HTML 4Page - Leach International Corporation KCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KCL SERIES
RELAY – LATCHING
3 PDT, 25 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 10/2019
1 / 5
• Magnetic latch operation
• All weld construction
• Contact arrangement
3 PDT configuration in one
inch cube
• Qualified to
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1Ø
and 115/200 Vac, 400 Hz 3Ø
• Weight
0.188 lb max
• Dimensions
1.01in x 1.01in x 1.00in
• Hermetically sealed, corrosion resistant metal can
Applicable sockets:
SO-1058-8913
Application Notes:
101
102
103E
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
@28 Vdc
@115 Vac
400 Hz
@115/200 Vac
400 Hz, 3Ø
@115/200 Vac
60 Hz, 3Ø [2]
Resistive [2]
25
25
25
2.5
Inductive [3]
12
15
15
2.5
Motor
10
10
10
2
Lamp
5
5
5
1
Overload
50
80
80
N/A
Rupture
60
100
100
N/A


Similar Part No. - KCL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KCL1608 KODENSHI-KCL1608 Datasheet
163Kb / 2P
1608 Infrared Emitting Diode
logo
France Joint
KCL3 FRANCEJOINT-KCL3 Datasheet
389Kb / 4P
TRIPLE-LIP SHAFT SEALS
logo
Nihon Inter Electronics...
KCL40B015 NIEC-KCL40B015 Datasheet
129Kb / 1P
Schottky Barrier Diode
logo
National Instruments Co...
KCL40B015 NI-KCL40B015_15 Datasheet
129Kb / 1P
SBD
logo
List of Unclassifed Man...
KCL5587S ETC2-KCL5587S Datasheet
201Kb / 6P
KCL5587S SPECIFICATION
More results

Similar Description - KCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
RELAY - LATCH 2 PDT, 2 AMP
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
RELAY – NONLATCH 4 PDT, 15 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
RELAY LATCH 1 PDT, 25 AMP
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
RELAY – LATCH 2 PDT, 12 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
RELAY – LATCH 4 PDT, 12 AMP
YCL LEACH-YCL Datasheet
741Kb / 5P
RELAY - LATCHING 3 PDT, LOW LEVEL TO 10 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com