Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 3 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 3 Page - ams AG

  AS6221T Datasheet HTML 1Page - ams AG AS6221T Datasheet HTML 2Page - ams AG AS6221T Datasheet HTML 3Page - ams AG AS6221T Datasheet HTML 4Page - ams AG AS6221T Datasheet HTML 5Page - ams AG AS6221T Datasheet HTML 6Page - ams AG AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Document Feedback
AS6221T
General Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 3
1
General Description
The AS6221T IC is a high accuracy digital temperature sensor system that communicates via a 2-wire
digital bus with other devices. It consists of a Si bandgap temperature sensor, an ADC and a digital
signal processor.
This sensor is especially designed to be used in applications where a high measurement accuracy is
needed, for example measuring the skin temperature. Beside these applications, it can also be used
to replace PTC resistors.
The high temperature accuracy and an ultra-low power consumption (low operation and quiescent
current) makes the AS6221T ideally suited for mobile/battery powered applications.
The AS6221T is an easy to integrate and use solution, featuring a factory-calibrated sensor, integrated
linearization and the possibility to use 8 different I²C addresses, enabling to use eight AS6221T
devices on one bus.
Additionally the AS6221T temperature sensor system features an alert functionality, which triggers
e.g. an interrupt to protect devices from excessive temperatures.
The AS6221T production test setup is calibrated according NIST and the verification equipment is
calibrated by an ISO/IEC-17025 accredited laboratory.
1.1
Key Benefits & Features
The benefits and features of AS6221T are listed below:
Figure 1:
Added Value of Using AS6221T
Benefits
Features
High Measurement Accuracy
± 0.09 °C (20 °C to 42 °C)
Low Power Consumption
6 µA @ Operation (typical, @ 4 Hz)
0.1 µA @ Standby (typical)
Supply Voltage Range
1.71
– 1.98 V (0 °C to 60 °C)
Small PCB Footprint
1.5 mm x 1 mm (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com