Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSG14K_CSG8K Datasheet(PDF) 4 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 4 Page - ams AG

  CSG14K_CSG8K Datasheet HTML 1Page - ams AG CSG14K_CSG8K Datasheet HTML 2Page - ams AG CSG14K_CSG8K Datasheet HTML 3Page - ams AG CSG14K_CSG8K Datasheet HTML 4Page - ams AG CSG14K_CSG8K Datasheet HTML 5Page - ams AG CSG14K_CSG8K Datasheet HTML 6Page - ams AG CSG14K_CSG8K Datasheet HTML 7Page - ams AG CSG14K_CSG8K Datasheet HTML 8Page - ams AG CSG14K_CSG8K Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
Document Feedback
CSG14K_CSG8K
General Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 3
1
General Description
The CSG14K_CSG8K is a high speed CMOS image sensor family developed for machine vision and
video applications. The image array consists of 3.2 µm pipelined global shutter pixels, which allow
exposure during read out, while performing true CDS (Correlated Double Sampling) operation. The
image sensor has 16 sub-LVDS data output channels. Each output channel runs at up to 1.25 Gbit/s,
resulting in a frame rate of 140 fps (CSG14K) or 231 fps (CSG8K) in full resolution. Higher frame rates
can be achieved in row-windowing mode or row-subsampling mode. These modes are all
programmable using the SPI interface. All internal exposure and read out timings are generated by a
programmable on-chip sequencer. External triggering and exposure programming is also possible.
Extended optical dynamic range can be achieved by a dual exposure HDR (High Dynamic Range)
mode. The image sensor also integrates black level clamping.
1.1
Key Benefits & Features
The benefits and features of CSG14K_CSG8K, 13.8Mp_8.3Mp High Speed Global Shutter CMOS
Image Sensor, are listed below:
Figure 1:
Added Value of Using CSG14K_CSG8K
Benefits
Features
High performance applications
13.8 Mp resolution at 140/93.6 fps (CSG14K, 10/12-bit)
8.3 Mp resolution at 231/154 fps (CSG8K, 10/12-bit)
Capture fast moving objects
Global shutter pixel with true Correlated Double Sampling
(true-CDS)
Use in low light conditions
Low noise and high sensitivity with on-chip noise reduction.
Small camera size
1” optical format in a 20 mm × 22 mm LGA package
(CSG14K)
3/4” optical format in a 20 mm × 22 mm LGA package
(CSG8K)
Operation modes tailored to
application needs
Programmable sensor timing & readout configuration
1.2
Applications
Machine Vision
High-End Inspection
Video / Broadcast
Security



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com