Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4350 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4350 Datasheet HTML 1Page - Cirrus Logic CS4350 Datasheet HTML 2Page - Cirrus Logic CS4350 Datasheet HTML 3Page - Cirrus Logic CS4350 Datasheet HTML 4Page - Cirrus Logic CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
192 kHz Stereo DAC with Integrated PLL
Features
Advanced Multi-bit Delta-Sigma Architecture
108 dB Dynamic Range
-95 dB THD+N
24-Bit Conversion
Supports Audio Sample Rates Up to 192 kHz
Low-Latency Digital Filtering
Single-Ended or Differential Analog Output
Architecture
Integrated PLL Locks to Incoming Left-Right
Clock
Eliminates the Need for External Master-
clock Routing
Reduces Interference and Jitter Sensitivity
No External Loop Filter Components
Required
Automatic Sample-Rate Range Detection
Popguard® Technology for Control of Clicks
and Pops
Hardware Popguard Disable for Fast
Startups
Supports All Standard Serial Audio Formats
Including Time-Division Multiplexed (TDM)
+1.5 V to 5.0 V Logic Supplies for Serial Port
+3.3 V to 5.0 V Control Port Interface
Control Port Mode Features
SPI™ and I²C® Modes
ATAPI Mixing
Mute Control for Individual Channels
Digital Volume Control with Soft Ramp
119 dB Attenuation
1/2 dB Step Size
Zero Crossing Click-Free Transitions
PCM
Serial
Interface
Serial Audio Input
Right
Channel
Output
Left
Channel
Output
Reset
3.3 V to 5.0 V
Register/
Hardware
Configuration
Hardware or I
2C/
SPI Control Data
3.3 V to 5.0 V
LRCK
RMCK
Recovered MCLK
1.5 V to 5.0 V
Internal Voltage
Reference
and Regulation
Phase Locked Loop
Interpolation
Filter with
Volume
Control
Interpolation
Filter with
Volume
Control
Multibit
∆Σ
Modulator
Multibit
∆Σ
Modulator
Amp
+
Filter
Amp
+
Filter
Left and
Right Mute
Controls
External
Mute
Control
DAC
DAC
MARCH '06
DS691A3
CS4350


Similar Part No. - CS4350

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-CZZ CIRRUS-CS4350-CZZ Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-CZZR CIRRUS-CS4350-CZZR Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-DZZ CIRRUS-CS4350-DZZ Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-DZZR CIRRUS-CS4350-DZZR Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
More results

Similar Description - CS4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com