Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS44130 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS44130
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 Datasheet(HTML) 2 Page - Cirrus Logic

  CS44130 Datasheet HTML 1Page - Cirrus Logic CS44130 Datasheet HTML 2Page - Cirrus Logic CS44130 Datasheet HTML 3Page - Cirrus Logic CS44130 Datasheet HTML 4Page - Cirrus Logic CS44130 Datasheet HTML 5Page - Cirrus Logic CS44130 Datasheet HTML 6Page - Cirrus Logic CS44130 Datasheet HTML 7Page - Cirrus Logic CS44130 Datasheet HTML 8Page - Cirrus Logic CS44130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
DS690PP1
CS44130
General Description
The CS44130 is a high-efficiency power stage for digital Class-D amplifiers designed to recieve PWM signals from
a modulator such as the CS44800/600. The power stage outputs can be configured as four half-bridge channels,
two half-bridge channels and one full-bridge channel, two full-bridge channels, or one parallel full-bridge channel.
The CS44130 integrates on-chip protection for over-current, under-voltage, and over-temperature events. Addtion-
ally, it integrates error reporting for these events, as well any thermal warning events. The low RDS(ON) of the outputs
allows the part to operate at up to 90% efficiency. This efficiency provides for a smaller device package, no heat
sink requirements, and smaller power supplies.
The CS44130 is available in a 48-pin QFN package for commercial grades (-10° to +70° C). The CRD44130-FB is
also available for device evaluation and implementation suggestions. Please refer to “Ordering Information” on
page 23 for complete ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com