Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GTRA260502M-V1-R3K Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 25152675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
GTRA260502M
®
Rev. 02, 2021-06-09
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Doherty Evaluation Board, 2515 – 2675 MHz
Evaluation Board Assembly
DUT
GTRA260502M
Test Fixture Part No.
LTA/GTRA260502M E11
PCB
Rogers 4350, 0.508 mm [0.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
Doherty evaluation board assembly diagram (not to scale)
C19
C17
C10
X1
R3
C18
C21
C20
C15
C16
R2
C12
C13
C1
C2
C7
C6
C3
C9
R1
C4
C5
C11
20-148
RO4350 20mil
VGS Peak
C14
FXA-DFN-
6p5x7-1_A
260502M
DOHERTY
C7
+
+
C22
C8
gt r a260 502 m _C D _202 1- 05- 24 _bn
RF_IN
RF_OUT
VGS Main
GND
VDS Main
VGS Peak
VDS Peak



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com