Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FAIXFPCD0SE000 Datasheet(PDF) 13 Page - Intel Corporation

Part # FAIXFPCD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXFPCD0SE000 Datasheet(HTML) 13 Page - Intel Corporation

Back Button FAIXFPCD0SE000 Datasheet HTML 9Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 10Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 11Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 12Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 13Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 14Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 15Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 16Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
Datasheet
13
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Contents
Revision Number: 006 (INTERNAL RELEASE)
Revision Date: June 10, 2003
Page
Description
1
Changed "pseudo-ECL (PECL)" to "Low Voltage Positive Emitter Coupled Logic (LVPECL)" in the
second paragraph, front page.
36
Modified Table 5 “Intel® LXT9785/LXT9785E RMII Signal Descriptions – PQFP”. Added last
sentence to RXER0 through RXER7 signal description.
42
Modified Table 10 “Intel® LXT9785/LXT9785E Signal Detect – PQFP”.
42
Modified Table 11 “Intel® LXT9785/LXT9785E Network Interface Signal Descriptions – PQFP”,
43
Modified Table 13 “Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – PQFP”. Added
note to PREASEL signal description.
116
Modified Section 4.1, “Introduction”. Changed "Pseudo-ECL (PECL)" to "Low Voltage PECL
(LVPECL)" in the first paragraph, second sentence.
119
Replace text under Section 4.2.1.3, “Fiber Interface”.
120
Modified Section 4.3.2, “Internal Loopback”.
130
Modified last sentence under Section 4.6.1.4, “Link Criteria”.
131
Modified text under Section 4.6.1.5, “Parallel Detection”. Added second paragraph.
136
Modified text under Section 4.7.4.3, “Receive Error”.
145
Changed "PECL" to "LVPECL in third paragraph, first sentence under Section 4.9.1, “100BASE-X
Network Operations”.
146
Modified Figure 28 “Intel® LXT9785/LXT9785E Protocol Sublayers”.
148
Modified Section 4.9.3.3, “Carrier Sense/Data Valid (RMII)”. Changed “asynchronously to
“synchronously.”
148
Modified text under Section 4.9.3.4, “Carrier Sense (SMII)”. Revised last sentence in first paragraph.
149
Modified paragraph under Section 4.9.3.6.3, “Polarity Correction”.
149
Replaced text under Section 4.9.3.7, “Fiber PMD Sublayer”.
150
Modified Section 4.10.1, “Preamble Handling”. Added text to last paragraph.
151
Modified first sentence under Section 4.10.4, “Jabber”.
152
Modified first paragraph of Section 4.11, “DTE Discovery Process”.
153
Modified Item 1 of Section 4.11.2, “Interaction between Processor, MAC, and PHY”.
158
Modified Section 4.12.3, “Out-of-Band Signaling”. Added sentence to end of first paragraph.
166
Replaced text under Section 5.2.5, “The Fiber Interface”.
170
Replaced Figure 36 “Recommended Intel® LXT9785/LXT9785E-to-3.3 V Fiber Transceiver
Interface Circuitry”.
171
Replaced Figure 37 “Recommended Intel® LXT9785/LXT9785E-to-5 V Fiber Transceiver Interface
Circuitry”.
173
Modified Table 52 “Intel® LXT9785/LXT9785E Operating Conditions”.
174
Modified Table 53 “Intel® LXT9785/LXT9785E Digital I/O DC Electrical Characteristics (VCCIO =
2.5 V +/- 5%)”.
175
Modified Table 54 “Intel® LXT9785/LXT9785E Digital I/O DC Electrical Characteristics (VCCIO =
3.3 V +/- 5%)”.
175
Added Table 55 “Intel® LXT9785/LXT9785E Digital I/O DC Electrical Characteristics – SD Pins”.
176
Modified Table 58 “Intel® LXT9785/LXT9785E 100BASE-FX Transceiver Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com