Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP621 Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # TP621
Description  TACT SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP621 Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  TP621 Datasheet HTML 1Page - Highly Electric Co., Ltd TP621 Datasheet HTML 2Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.highlyelec.com.tw
59
TP 621 SERIES
» Features
» Applications
» Specifications
» LED Specifications
Color
VR
IF
Recommended
Operating Current
VF
Nor
Max
Red
DC 5V 20mA
20mA
1.7V
2.4V
Green DC 5V 20mA
20mA
1.9V
2.4V
Yellow DC 5V 20mA
20mA
1.9V
2.4V
Blue
DC 5V 20mA
20mA
3.0V
3.6V
White
DC 5V 20mA
20mA
3.0V
3.6V
For the specification about the other LEDs, please
contact with sales department
» Product selection
TP 621TML
LED COLOR
1
Red
2
Yellow
3
Green
4
Blue
5
White
6
Pure Green
8
Amber
12
Red/Yellow
13
Red/Green
14
Red/Blue
23
Yellow/Green
48
Blue/Amber
52
White/Yellow
58
White/Amber
Rating
50mA 12VDC
Insulation Resistance
1GΩ Min (at 250 VDC)
Dielectric Strength
AC 250V (50/60 Hz for 1 minute)
Contact Resistance
100mΩ Max. (Initial)
Electrically Life
10,000 Cycles Min
Ambient Temperature
-40℃~ +125℃
Operating Force
400 ± 100gf
Total Travel
0.8 ± 0.1mm
• Operating switches in all types of electronic equipment such as audio
apparatus, office equipment , communications apparatus, TV sets,
VCRs, etc.
• Miniature structure with long traveling.
• Several LED colors options.
• Customized cap and symbols are available.
• Combination of switch linked with LED avoid the LED failure during
high-temperature processing.


Similar Part No. - TP621

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP62601 MOTOROLA-TP62601 Datasheet
88Kb / 4P
MICROWAVE POWER OSCILLATOR TRANSISTOR
logo
Advanced Semiconductor
TP62601 ASI-TP62601 Datasheet
24Kb / 1P
NPN RF POWER TRANSISTOR
REV. B
logo
Shenzhen Tianyuan Semic...
TP6272AD TPOWER-TP6272AD Datasheet
511Kb / 5P
Current mode PWM power switch chip
TP6272BD TPOWER-TP6272BD Datasheet
511Kb / 5P
Current mode PWM power switch chip
TP6273 TPOWER-TP6273 Datasheet
412Kb / 5P
Current mode PWM power control chip
More results

Similar Description - TP621

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com