Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLT5510 Datasheet(PDF) 3 Page - ams AG

Part # PLT5510
Description  Green Laser Diode in TO56 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PLT5510 Datasheet(HTML) 3 Page - ams AG

  PLT5510 Datasheet HTML 1Page - ams AG PLT5510 Datasheet HTML 2Page - ams AG PLT5510 Datasheet HTML 3Page - ams AG PLT5510 Datasheet HTML 4Page - ams AG PLT5510 Datasheet HTML 5Page - ams AG PLT5510 Datasheet HTML 6Page - ams AG PLT5510 Datasheet HTML 7Page - ams AG PLT5510 Datasheet HTML 8Page - ams AG PLT5510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PLT5 510
3 Version 1.7 | 2021-06-23
Characteristics
P
opt = 10 mW; Tcase = 25 °C
Parameter
Symbol
Values
Operating current 1)
I
op
typ.
max.
45 mA
75 mA
Operating voltage 3)
V
op
typ.
max.
5.0 V
6.6 V
Peak wavelength 4)
λ
peak
min.
typ.
max.
510 nm
515 nm
530 nm
Spectral bandwidth (FWHM)
∆λ
typ.
2 nm
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
min.
typ.
max.
6 °
8 °
10 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
19 °
22 °
25 °
Beam pointing accuracy 5)
∆θ
∥, ∆θ⊥
min.
max.
-3 °
3 °
Threshold current
I
th
typ.
max.
25 mA
50 mA
TE polarization
P
TE
typ.
100:1
Modulation frequency
f
min.
100 MHz
Monitor current 6)7)
V
R = 5 V
I
m
min.
max.
50 µA
350 µA
Thermal resistance junction case real
R
thJC
typ.
34 K / W
Info: according to OS-PCN-2021-007-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com