Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH7779 Datasheet(PDF) 2 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 2 Page - ams AG

  SFH7779 Datasheet HTML 1Page - ams AG SFH7779 Datasheet HTML 2Page - ams AG SFH7779 Datasheet HTML 3Page - ams AG SFH7779 Datasheet HTML 4Page - ams AG SFH7779 Datasheet HTML 5Page - ams AG SFH7779 Datasheet HTML 6Page - ams AG SFH7779 Datasheet HTML 7Page - ams AG SFH7779 Datasheet HTML 8Page - ams AG SFH7779 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
2 | Version 1.7 | 2023-05-24
Chip on board
SFH 7779
Ambient Light and Proximity Sensor with Integrated 940nm IR
Emitter
Applications
- 3D Sensing
Features
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- PS and ALS Interrupt function
- I2C interface (max. 400kHz)
- Miniature package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com