Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC1404 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1404
Description  Mobile Multi-Output PWM Controller with Virtual Current Sense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1404 Datasheet HTML 17Page - Semtech Corporation SC1404 Datasheet HTML 18Page - Semtech Corporation SC1404 Datasheet HTML 19Page - Semtech Corporation SC1404 Datasheet HTML 20Page - Semtech Corporation SC1404 Datasheet HTML 21Page - Semtech Corporation SC1404 Datasheet HTML 22Page - Semtech Corporation SC1404 Datasheet HTML 23Page - Semtech Corporation SC1404 Datasheet HTML 24Page - Semtech Corporation SC1404 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
 2003 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Typical Characteristics
3.3V Efficiency
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
6V
10V
19V
5V Efficiency
80
85
90
95
100
0.01
0.1
1
10
Load Current (A)
6V
10V
19V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com