Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSYT67B Datasheet(PDF) 9 Page - ams AG

Part # LSYT67B
Description  Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT67B Datasheet(HTML) 9 Page - ams AG

Back Button LSYT67B Datasheet HTML 5Page - ams AG LSYT67B Datasheet HTML 6Page - ams AG LSYT67B Datasheet HTML 7Page - ams AG LSYT67B Datasheet HTML 8Page - ams AG LSYT67B Datasheet HTML 9Page - ams AG LSYT67B Datasheet HTML 10Page - ams AG LSYT67B Datasheet HTML 11Page - ams AG LSYT67B Datasheet HTML 12Page - ams AG LSYT67B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LSY T67B
2012-11-14
9
Maßzeichnung
8) Seite 15
Package Outlines
8) page 15
Gewicht / Approx. weight:
35 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 15
Packing unit 2000/reel, ø180 mm
or 8000/reel, ø330 mm
marking
Package
GPLY6837
23
4
1
0.8 (0.031)
0.6 (0.024)
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
2.1 (0.083)
1.7 (0.067)
0.9 (0.035)
0.7 (0.028)
0.1 (0.004) typ
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
C
A
Circuit Diagram
C
A
L
S
Y
T67B
LED
Anode: pin 2
Anode: pin 4
Package
Cathode: pin 1
Cathode: pin 3
OHAY0093
4 (0.157)
2.9 (0.114)
1.5 (0.059)
4 (0.157)
2 (0.079)
CA
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com