Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C106D Datasheet(PDF) 1 Page - GE Solid State

Part # C106D
Description  4-A Sensitive-Gate Silicon Controlled Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GESS [GE Solid State]
Direct Link  
Logo GESS - GE Solid State

C106D Datasheet(HTML) 1 Page - GE Solid State

  C106D Datasheet HTML 1Page - GE Solid State  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C106D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106D MOTOROLA-C106D Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106D ONSEMI-C106D Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
Central Semiconductor C...
C106D CENTRAL-C106D Datasheet
82Kb / 2P
4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
logo
Digitron Semiconductors
C106D DIGITRON-C106D Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
logo
First Silicon Co., Ltd
C106D FS-C106D Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
More results

Similar Description - C106D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com