Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS21 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS21
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS21 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS21 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS21
RoHS
Compliant
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 7: 03-07-22
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
FEATURES:
TIGHT TOLERANCE AND STABILITY AVAILABLE
AUTOMOTIVE GRADE AEC-Q200 QUALIFIED VERSION AVAILABLE
SUITABLE FOR ROHS REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit :mm
Pin Configuration
1
Xtal
2
GND
3
Xtal
4
GND
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
4
2.00
1
2
3
4
Marking
1
2
3
1
2
3
4
2.00
1
2
3
4
Marking
1.35
1.05
Package 1*
Package 2*
■ SPECIFICATION
FREQUENCY RANGE
16.000MHz ~ 60.000MHz
STANDARD FREQUENCIES
20.000000MHz
20.480000MHz
20.250000MHz
22.000000MHz
24.000000MHz
24.545450MHz
24.576000MHz
26.000000MHz
27.000000MHz
28.636363MHz
32.000000MHz
32.768000MHz
36.000000MHz
40.000000MHz
60.000000MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ 50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ 50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
LOAD CAPACITANCE
STD: 8pF (See P/N guide for other options)
SHUNT CAPACITANCE
3.5pF max.
INSULATION RESISTANCE
500M
 min. @ 100VDC ± 15VDC
DRIVE LEVEL
200µW max.
AGING @ 25°C ± 3°C
±2.0ppm / 1st year max.
EQUIVALENT SERIES RESISTANCE
16.000MHz ~ 20.000MHz: 150
 max.
20.001MHz ~ 25.000MHz: 80
 max.
25.001MHz ~ 40.000MHz:
60
 max.
40.001MHz ~ 60.000MHz: 50
 max.
OPERATION MODE
AT cut, Fundamental
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
0.70
0.65
0.70
0.65
Mode
F: Fundamental
Stability
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
20: ± 20ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Options
Q: AEC-Q200
Qualified
TR: Tape and reel
Tolerance @ 25°C
50: ± 50ppm
30: ± 30ppm (standard)
25: ± 25ppm
20: ± 20ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Load Capacitance
07: 7pF
20: 20pF
08: 8pF
22: 22pF
10: 10pF
24: 24pF
12: 12pF
28: 28pF
16: 16pF
32: 32pF
18: 18pF
S: Series
Frequency
M: MHz
CS21
26.000M
HM
50
F
08
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Product series


Similar Part No. - CS21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
278Kb / 32P
Fractional-N Clock Multiplier
CS2100-CP-CZZ CIRRUS-CS2100-CP-CZZ Datasheet
412Kb / 32P
Fractional-N Clock Multiplier
CS2100-CP-CZZR CIRRUS-CS2100-CP-CZZR Datasheet
412Kb / 32P
Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
Fractional-N Clock Multiplier
More results

Similar Description - CS21

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
TX-U TRANSKO-TX-U Datasheet
254Kb / 2P
ULTRA MINITURE CERAMIC SMD TCXO / VCTCXO (2.0 x 1.6 x 0.7mm)
Rev. 2: Oct. 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com