Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LHCPDP Datasheet(PDF) 1 Page - ams AG

Part # LHCPDP
Description  This ultra-compact 1 W class LED provides a wide radiation pattern allowing perfect interaction and various designs including color mixing LED clusters.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LHCPDP Datasheet(HTML) 1 Page - ams AG

  LHCPDP Datasheet HTML 1Page - ams AG LHCPDP Datasheet HTML 2Page - ams AG LHCPDP Datasheet HTML 3Page - ams AG LHCPDP Datasheet HTML 4Page - ams AG LHCPDP Datasheet HTML 5Page - ams AG LHCPDP Datasheet HTML 6Page - ams AG LHCPDP Datasheet HTML 7Page - ams AG LHCPDP Datasheet HTML 8Page - ams AG LHCPDP Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-12-21
1
2015-12-21
OSLON
® SSL 150
Datasheet
Version 1.4
LH CPDP
This ultra-compact 1 W class LED provides a wide
radiation pattern allowing perfect interaction and
various designs including color mixing LED clusters.
Its low thermal resistance allows this device to be
highly efficient even at high driving currents.
Applications demanding long lifetimes are perfectly
addressed with this highly reliable LED.
Diese äußerst kompakte LED der 1-W-Klasse mit
breiter Abstrahlcharakteristik erlaubt eine perfekte
Interaktion in einer Vielzahl von Designs –
einschließlich der Farbmischung in LED-Clustern. Der
geringe Wärmewiderstand sorgt selbst bei hohen
Strömen für höchste Lichtausbeute. Diese
zuverlässige LED eignet sich besonders für
Applikationen, die eine hohe Lebenserwartung
erfordern.
Features:
Besondere Merkmale:
Package: SMT ceramic package with silicone resin
and silicone lens
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
Viewing angle at 50 % I
V: 150°
Abstrahlwinkel bei 50 % I
V: 150°
Color: 660 nm (hyper red)
Farbe: 660 nm (hyperrot)
Radiant Flux: typ. 365 mW
Strahlungsfluss: typ. 365 mW
Radiant Efficiency: typ. 50 %
Lichtausbeute: typ. 50 %
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Accent and effect lighting
Akzent- und Effektbeleuchtung
Horticultural Lighting
Gewächshausbeleuchtung


Similar Part No. - LHCPDP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
SMD ceramic package with silicon resin with lens
More results

Similar Description - LHCPDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
Bi-Color Ultra Compact SMT LED
logo
Rohm
SML-P24 ROHM-SML-P24 Datasheet
877Kb / 4P
Ultra compact 2-color type LED 1.0x1.0
logo
Silicon Laboratories
AN525 SILABS-AN525 Datasheet
1Mb / 10P
OPTIMIZED CLASS 1 PD DESIGNS USING
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 25P
Flexibility Supports Various Designs
Rev 0; 2/15
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
Various antenna designs
20-Dec-2013
logo
Lumileds Lighting Compa...
CS130 LUMILEDS-CS130 Datasheet
1Mb / 3P
Innovative color mixing LEDs enable compact
logo
Luminus, Inc
CXM-6-30-90-18-PC32-F4-3 LUMINUS-CXM-6-30-90-18-PC32-F4-3 Datasheet
1Mb / 18P
Perfect White COB LED Arrays
logo
List of Unclassifed Man...
VLM100W-24 ETC-VLM100W-24 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
logo
Quelighting Corp
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
logo
List of Unclassifed Man...
VLM100 ETC-VLM100 Datasheet
1Mb / 10P
96 W, Efficient, Compact Constant Voltage Class 2 LED Drivers
Rev. February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com