Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GLFS1 Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GLFS1
Description  LIQUID FLOW SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GLFS1 Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GLFS1 Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GLFS1XXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
LIQUID FLOW SWITCH
GLFS-1 SERIES
PRODUCT DESCRIPTION
The Liquid Flow Switch is suitable for flow
monitoring and control of water and normal media
in industrial plants, heating, air conditioning, and
refrigeration systems. Enclosed in a water-proof IP65
enclosure, it includes multiple stainless steel paddle
sizes for pipes up to 203.2mm (8”) in diameter. The
switch is suitable for liquid temperatures up to
120°C (248°F) and a maximum working pressure of
up to 13.5 Bar (195.8 PSI).
LIQUID FLOW RATE
LINE PIPE SIZE (IN)
1
1 1/4" 1 1/2"
2
2 1/2"
3
4
4Z
5
5Z
6
6Z
8
8Z
MINIMUM FLOW
GPM (M3/H)
Flow increase
1 & 2 Connected
4.2
(1.0)
5.8
(1.3)
7.5
(1.7)
13.7
(3.1)
17.6
(4.0)
27.5
(6.2)
64.7
(14.7)
35.2
(8.0)
12.5
(28.4)
57.01
(12.9)
90.0
(43.1)
74.0
(16.8)
374.7
(85.1)
204.7
(46.5)
Flow Decrease
1 & 3 Connected
2.5
(0.6)
3.7
(0.8)
5.0
(1.1)
13.7
(2.2)
11.9
(2.7)
19
(4.3)
50.1
(11.4)
26.9
(6.1)
101.1
(22.9)
41.0
(9.3)
158.0
(35.9)
54.0
(12.3)
319.7
(72.6)
170.0
(38.6)
MAXIMUM FLOW
GPM (M3/H)
Flow Increase
1 & 2 Connected
9.2
(2.1)
13.3
(3.0)
17.6
(4.)
26.9
(6.1)
30.8
(7.0)
50.2
(11.4)
127.6
(29.0)
81.0
(18.4)
245.0
(55.6)
18.0
(18.4)
374.7
(85.1)
144.0
(32.7)
759.5
(172.5)
415.0
(94.2)
Flow Decrease
1 & 3 Connected
8.1
(1.9)
12.5
(2.8)
16.3
(3.7)
25.1
(5.7)
28.6
(6.5)
471
(10.7)
122.0
(27.7)
76.2
(17.3)
234.7
(53.3)
111.0
(25.2)
359.7
(81.7)
134.7
(30.6)
729.6
(165.7)
400.6
(90.8)
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flow switch can be installed in any position,
as far from elbows or obstructions as possible with
the arrow pointing in the direction of the flow. If the
pipe is vertical, recalibrate the range to balance the
paddle weight.
ORDERING INFORMATION
GLFS-1
PADDLE SIZES
PIPE
1”
1 1/4”
1 1/2”
2”
2 1/2”
3”
4”
4”Z
5”
5”Z
6”
6”Z
8”
8”Z
NUMBER
1
1
1
1, 2
1, 2
1, 2, 3
1, 2, 3
1, 2, 3, 4
1, 2, 3
1, 2, 3, 4 1, 2, 3
1, 2, 3, 4 1, 2, 3
1, 2, 3, 4
NOTE: Refer to dimensional drawings above for corresponding paddle numbers.
NOTE: For flow rates with suffix “Z”, the 6 inch paddle must be installed.
TYPE OF OPERATION
On/Off, single-stage, micro switch
OUTPUT
SPDT 15(8A) 24/250 Vac
FLOW RATES
See flow rate table
FLOW RATE SETTING ADJUSTMENT
Internal screw
SENSING ELEMENT
Paddle
TYPICAL LIQUID APPLICATIONS
Hot, chilled, well, pool, and sea water, brine or ethylene glycol
PROCESS CONNECTION
1”NPT
PARTS MATERIAL IN CONTACT WITH
FLUID
Brass
PADDLE MATERIAL
Stainless steel
LIQUID TEMPERATURE
-20 to 120°C (-4 to 248°F)
AMBIENT OPERATING RANGE
-40 to 85°C (-40 to 185°F), 10 to 90 %RH non-condensing
CABLE ENTRY
M18 fitting
ENCLOSURE
White ABS or PC, IP65 (NEMA 4X)
WEIGHT
1.0kg (2.2lbs)
SPECIFICATIONS
65 mm
2.56”
98 mm
3.85”
M18
29 mm
1.14”
1
2
3
4


Similar Part No. - GLFS1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLF1608 TDK-GLF1608 Datasheet
50Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF1608T100M TDK-GLF1608T100M Datasheet
50Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF1608T100M TDK-GLF1608T100M Datasheet
171Kb / 20P
GLF,GLC Series
GLF1608T1R0M TDK-GLF1608T1R0M Datasheet
50Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF1608T1R0M TDK-GLF1608T1R0M Datasheet
171Kb / 20P
GLF,GLC Series
More results

Similar Description - GLFS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
LG01 ETC2-LG01 Datasheet
236Kb / 4P
Liquid Flow Switch and Bubble Detector
logo
TT Electronics.
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
Adjustable Liquid Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
Flow Switches for Liquid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com