Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL432A Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TL432A
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432A Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TL432A Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432A Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432A Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432A Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432A Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/ A / C
ABSOLUTE MAXIMUM RATINGS
(Full Operating Ambient Temperature Range Applies Unless Otherwise Noted)
TL432A/C ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
HTC
1.252
1.247
1.228
1.233
V
UNIT
TL432A
TL432C
CHARACTERISTIC
Cathode Voltage
Continuous Cathode Current Range
Reference Input Current Range
IKA
VKA
RATING
1.24
Ratio of Change in
Reference Input Voltage
Full Temperature Range
VKA=1.25V to 14.5V
ΔVREF/ΔVKA
80
0.05
60
0.3
Reference Input Current
23
Dynamic Impedance
VKA=VREF, IK=0.1㎃~20㎃, f≤1.0㎑
Current for Regulation
Off-State Cathode
Minimum Cathode
Current
VKA=15V, VREF=0
to the Change in Cathod
Voltage
Temperature Range
Input Current Over Full
Deviation of Reference
R1=10㏀, R2=∞, Ta = Full Range
Vka=Vref
R1=10㏀, R2=∞
Deviation of Reference
100
SYMBOL
VKA=VREF, IK=10㎃
TA=Full Range
Input Voltage Over
1
1.0
-65~+150
㎷/V
2.7
0.5
TSTG
0 ~70
PD
15
MIN.
10
25
UNIT
V
MAX.
TYP.
VKA=VREF, IK=10㎃
0.5
0.04
0.2
0.4
ΔVREF/ΔT
IREF
VREF
ZKA
IKAMIN
IREF
ΔIREF/ΔT
IKAOFF
SYMBOL
TJ
Operating Temperature
CHARACTERISTIC
TEST CONDITION
770
TOPR
-0.05 ~ 3
-40 ~ 150
Reference Input Voltage
Storage Temperature
Total Power Dissipation
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com