Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVAS-60 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AVAS-60
Description  Integrated Mobile Surgical Workstation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AVAS-60 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AVAS-60 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
AVAS-60
Integrated Mobile Surgical Workstation
Specifications
Model
AVAS-60
Base Cart
Dimension
Footprint
525mm x 525mm
Work surface height
1000mm
Total height
1860mm
Angle capacity
85°
ARM extension
1550mm
Archiving &
Streaming System
Video
Input resolution
Up tp 4K UHD (Capture)
Output resolution
Up to 4K UHD (Graphic engine)
Compression format
MPEG2, H.264, H.265 (record into HD & streaming out)
Streaming
Uncompress format
Up to 4 channels (2ch x cameras, 2ch x externals)
I/O
Video input-I & -II
HDMI 2.0, 3G/12G SDI, DVI-D, CVBS
Audio input & output
2 (Mic-in/ Line-out)
Network
4 x 10GbE SFP+, 1 x RJ45 GbE
Host system
CPU
Intel Core i / Xeon
Memory
16G
HDD / SSD
1T 2.5"
Camera
Panoramic view
Output resolution
FULL HD
Image Sensor
CMOS
Camera control
PTZ
Zoom ratio
Optical 12X, digital 12X
Surgical field
Resolution
4K UHD
Image Sensor
Exmor CMOS
Zoom ratio
Optical 12X, digital 12X
Medical Monitor
Display size
2 x 24" FULL HD LCD
Dispatch System
Display size
1 x 10" LCD
All product specifications are subject to change without notice.
Last updated: 9-Jul-2021
ƒ
4K video streaming and archiving video data with remote console
ƒ
Near-Zero latency to ensure excellent Hand/Eyes coordination
ƒ
Easy plug and play of device to setup OR through optical cable
ƒ
Routing and switching from uncompressed video source to monitor
ƒ
Multiple video sources can be displayed simultaneously on a screen
ƒ
H.265 recording technique enables to save high quality video while
conserving storage capacity
ƒ
An open API enables user to integrate AVAS product into environment or
workflow management system


Similar Part No. - AVAS-60

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AVAS-212 ADVANTECH-AVAS-212 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-HNN0-D00 ADVANTECH-AVAS-212-HNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-KNN0-D00 ADVANTECH-AVAS-212-KNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-VNN0-D00 ADVANTECH-AVAS-212-VNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-402 ADVANTECH-AVAS-402 Datasheet
606Kb / 2P
Medical VMS/Recorder and Computing Platform
11-May-2023
More results

Similar Description - AVAS-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82C596A ETC-VT82C596A Datasheet
120Kb / 6P
MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
logo
Lightel Technologies IN...
CW-5000 LIGHTEL-CW-5000 Datasheet
588Kb / 6P
Coupler Workstation
logo
Integrated Device Techn...
932S806CGLF IDT-932S806CGLF Datasheet
57Kb / 1P
Server/Workstation Chipsets
logo
Lightel Technologies IN...
CW-7000 LIGHTEL-CW-7000 Datasheet
346Kb / 4P
Combiner Workstation
logo
Tripp Lite. All Rights ...
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
logo
Advantech Co., Ltd.
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-327-4K ADVANTECH-PAX-327-4K Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
PAX-355 ADVANTECH-PAX-355 Datasheet
705Kb / 2P
55" UHD Surgical Display
18-Apr-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com